Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEUFS1A472B Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEUFS1A472B
Description  Aluminum Electrolytic Capacitors (Radial Lead Type)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEUFS1A472B Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEUFS1A472B Datasheet HTML 1Page - Panasonic Semiconductor EEUFS1A472B Datasheet HTML 2Page - Panasonic Semiconductor EEUFS1A472B Datasheet HTML 3Page - Panasonic Semiconductor EEUFS1A472B Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (Radial Lead Type)
Case size/ Impedance/ Ripple current
Rated voltage
(V.DC)
6.3 V.DC to 35 V.DC
50 V.DC
Case size
(mm)
(0D×L)
Impedance
(
Ω/100 kHz)
Ripple current
(mA r.m.s./100 kHz
)
Impedance
(
Ω/100 kHz)
Ripple current
(mA r.m.s./100 kHz)
+20 °C
–10 °C
+105 °C
+20 °C
–10 °C
+105 °C
5
× 11
0.300
1.000
280
0.340
1.130
250
6.3
× 11.2
0.130
0.430
455
8
× 11.5
0.056
0.168
950
8
× 15
0.041
0.123
1240
0.045
0.135
1140
8
× 20
0.030
0.090
1560
0.033
0.099
1430
10
× 12.5
0.043
0.114
1290
10
× 16
0.028
0.078
1790
10
× 20
0.020
0.057
2180
0.023
0.069
1890
10
× 25
0.018
0.054
2470
0.022
0.066
2150
12.5
× 20
0.018
0.045
2600
12.5
× 25
0.015
0.038
3190
0.018
0.045
2660
12.5
× 30
0.013
0.033
3630
0.016
0.040
3160
12.5
× 35
0.012
0.030
3750
0.014
0.035
3270
16
× 20
0.017
0.043
3300
16
× 25
0.014
0.035
3820
0.016
0.040
3320
May. 2017
00


Similar Part No. - EEUFS1A472B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFB1A103 PANASONIC-EEUFB1A103 Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A121 PANASONIC-EEUFB1A121 Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A122 PANASONIC-EEUFB1A122 Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A152L PANASONIC-EEUFB1A152L Datasheet
77Kb / 5P
   Radial Lead Type
EEUFB1A181 PANASONIC-EEUFB1A181 Datasheet
77Kb / 5P
   Radial Lead Type
More results

Similar Description - EEUFS1A472B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEUFM PANASONIC-EEUFM Datasheet
69Kb / 5P
   Aluminum Electrolytic Capacitors/ FM, Radial Lead Type
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
RUBYCON CORPORATION
MH5_SERIES RUBYCON-MH5_SERIES Datasheet
104Kb / 1P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
YXM_SERIES RUBYCON-YXM_SERIES Datasheet
120Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
400BXW68MEFC18X20 RUBYCON-400BXW68MEFC18X20 Datasheet
209Kb / 4P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH220MEFC6.3X11 RUBYCON-16ZLH220MEFC6.3X11 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
16ZLH680MEFC8X16 RUBYCON-16ZLH680MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXG220MEFC8X11.5 RUBYCON-25YXG220MEFC8X11.5 Datasheet
190Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXF470MEFC10X20 RUBYCON-35YXF470MEFC10X20 Datasheet
171Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
35YXM47MEFC6.3X11 RUBYCON-35YXM47MEFC6.3X11 Datasheet
172Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com