Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30620SAGP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M30620SAGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620SAGP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M30620SAGP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30620SAGP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 274 page
background image
Pin Description
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
9
Pin Description
Signal name
Function
Pin name
I/O type
I/O port P5
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input
Input/output
Input/output
I/O port P6
I/O port P7
I/O port P8
I/O port P85
I/O port P9
I/O port P10
P50 to P57
P60 to P67
P70 to P77
P80 to P84,
P86,
P87,
P85
P90 to P97
P100 to P107
This is an 8-bit I/O port equivalent to P0. In single-chip mode, P57 in
this port outputs a divide-by-8 or divide-by-32 clock of XIN or a clock of
the same frequency as XCIN as selected by software.
Output
Output
Output
Output
Output
Input
Output
Input
This is an 8-bit I/O port equivalent to P0. When used for input in single-
chip, memory expansion, and microprocessor modes, the port can be
set to have or not have a pull-up resistor in units of four bits by
software. Pins in this port also function as UART0 and UART1 I/O pins
as selected by software.
This is an 8-bit I/O port equivalent to P6 (P70 and P71 are N channel
open-drain output). Pins in this port also function as timer A0–A3,
timer B5 or UART2 I/O pins as selected by software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also function
as SI/O3, 4 I/O pins, Timer B0–B4 input pins, D-A converter output pins,
A-D converter extended input pins, or A-D trigger input pins as selected
by software.
This is an 8-bit I/O port equivalent to P6. Pins in this port also function
as A-D converter input pins as selected by software. Furthermore, P104
–P107 also function as input pins for the key input interrupt function.
WRL / WR,
WRH / BHE,
RD,
BCLK,
HLDA,
HOLD,
ALE,
RDY
Output WRL, WRH (WR and BHE), RD, BCLK, HLDA, and ALE
signals. WRL and WRH, and BHE and WR can be switched using
software control.
WRL, WRH, and RD selected
With a 16-bit external data bus, data is written to even addresses
when the WRL signal is “L” and to the odd addresses when the WRH
signal is “L”. Data is read when RD is “L”.
WR, BHE, and RD selected
Data is written when WR is “L”. Data is read when RD is “L”. Odd
addresses are accessed when BHE is “L”. Use this mode when using
an 8-bit external data bus.
While the input level at the HOLD pin is “L”, the microcomputer is
placed in the hold state. While in the hold state, HLDA outputs a “L”
level. ALE is used to latch the address. While the input level of the
RDY pin is “L”, the microcomputer is in the ready state.
P80 to P84, P86, and P87 are I/O ports with the same functions as P6.
Using software, they can be made to function as the I/O pins for timer
A4 and the input pins for external interrupts. P86 and P87 can be set
using software to function as the I/O pins for a sub clock generation
circuit. In this case, connect a quartz oscillator between P86 (XCOUT
pin) and P87 (XCIN pin). P85 is an input-only port that also functions
for NMI. The NMI interrupt is generated when the input at this pin
changes from “H” to “L”. The NMI function cannot be cancelled using
software. The pull-up cannot be set for this pin.


Similar Part No. - M30620SAGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30620SAGP MITSUBISHI-M30620SAGP Datasheet
3Mb / 274P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M30620SAGP RENESAS-M30620SAGP Datasheet
8Mb / 615P
   16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
More results

Similar Description - M30620SAGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com