Electronic Components Datasheet Search |
|
MAX1098-MAX1099 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX1098-MAX1099 Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 20 page 10-Bit Serial-Output Temperature Sensors with 5-Channel ADC 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (VDD = +4.75V to +5.25V (MAX1098), VDD = +2.7V to +3.6V (MAX1099), external reference, VREF = +2.5V (MAX1098), VREF = +1.2V (MAX1099), fSCLK = 2.5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VDD to GND.……………………………………………-0.3V to +6V SHO to GND ................................................-0.3V to (VDD +0.3V) Analog Inputs to GND (AIN0–AIN5, REF)...................................-0.3V to (VDD +0.3V) Digital Inputs to GND (DIN, SCLK, CS).......-0.3V to (VDD +0.3V) Digital Outputs to GND (DOUT, SSTRB) .....-0.3V to (VDD +0.3V) Digital Output Sink Current ..…………………………………25mA Maximum Current into Any Pin……………………………….50mA Continuous Power Dissipation (TA = +70°C) 16-Pin SSOP (derate 8.00mW/°C above +70°C) ........667mW Operating Temperature Range MAX109_ _EAE ...............................................-40°C to +85°C Junction Temperature....……………………………………+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS DC ACCURACY (Note 1) Resolution RES 10 Bits Relative Accuracy (Note 2) INL ±1 LSB Differential Nonlinearity DNL ±1 LSB Offset Error Inputs AIN0 −AIN5 ±1 LSB Offset Temperature Coefficient ±10 µV/°C Gain Error Inputs AIN0 −AIN5, offset nulled ±1 LSB VDD/4 Absolute Error ±1 LSB Gain Temperature Coefficient ±2 ppm/ °C Channel-to-Channel Offset Matching ±0.25 LSB CONVERSION RATE Voltage measurement 1.1 Conversion Time (Note 3) tCONV Temperature measurement 2.2 ms Track/Hold Acquisition Time tACQ 16 µs Aperture Delay tAPR 30 ns Internal Clock Frequency fCLK 57.6 62.3 65.5 kHz ANALOG INPUTS (AIN0 −AIN5) Input Voltage Range (Note 4) Measurement with respect to IN-, Figure 1 -2VREF +2VREF V Common-Mode Range 0VDD V Input Current (Note 5) 0.1 5 µA Input Capacitance 16 pF |
Similar Part No. - MAX1098-MAX1099 |
|
Similar Description - MAX1098-MAX1099 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |