Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 5 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 5 Page - First Components International

  FC3255 Datasheet HTML 1Page - First Components International FC3255 Datasheet HTML 2Page - First Components International FC3255 Datasheet HTML 3Page - First Components International FC3255 Datasheet HTML 4Page - First Components International FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ELECTRICAL CHARACTERISTICS
(2.7 V < V
< 30 V; Industrial Grade: 0°C < T < 70°C; Commercial Grade: 0°C < T < 125°C; unless otherwise noted)
CC
J
J
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARACTERISTICS
TEST CONDITIONS
MIN
Power Switch Section
Switch Saturation Voltage
Switch Current Limit
Minimum Pulse Width
Switch Leakage
General Section
Operating Current
Shutdown Mode Current
Minimum Operation Input
Voltage
Thermal Shutdown
Thermal Hysteresis
D I
/ DV
CC
SW
I
= 1.5A, (Note 2)
SWITCH
I
= 1.0A, 0°C T
85°C
SWITCH
J
I
=1.0A, -40°C T
0°C(Note 2)
SWITCH
A
I
= 10mA
SWITCH
50% duty cycle(Note 2)
80% duty cycle(Note 2)
FB = 0 V, I
=4.0A(Note 2 )
SW
2.7 V
V
12V, 10mA
I
1.0A
CC
SW
12V
V
30V, 10mA
I
1.0A
CC
SW
2.7 V
V
12V, 10mA
I
1.5A
CC
SW
(Note 2)
12V
V
30V, 10mA
I
1.5A
CC
SW
(Note 2)
V
= 40 V, V
= 0V
SW
CC
I= 0
SW
V < 0.8V, SS = 0V, 2.7V
V
12V
CCC
V < 0.8V, SS = 0V, 12V
V
30V
CCC
V
switching, maximum I
= 10mA
SW
SW
(Note2)
(Note2)
-
1.6
1.5
200
150
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
0.55
0.75
0.09
1.9
1.7
250
10
-
17
-
2.0
5.5
12
-
2.45
180
25
1.4
1.00
1.30
0.45
2.4
2.2
300
30
100
30
100
100
8.0
60
100
2.70
210
-
V
A
ns
mA / A
µA
mA
µA
V
°C
°C
(Note 2) Guaranteed by design, not 100% tested in production.
FC3255 1.5A PWM Switching Regulators


Similar Part No. - FC3255

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - FC3255

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110 Datasheet
2Mb / 1P
   PWM Switching Regulators
logo
Anpec Electronics Corop...
APW34063 ANPEC-APW34063 Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Seiko Instruments Inc
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com