Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC3255 Datasheet(PDF) 9 Page - First Components International

Part # FC3255
Description  1.5A PWM Switching Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC3255 Datasheet(HTML) 9 Page - First Components International

Back Button FC3255 Datasheet HTML 5Page - First Components International FC3255 Datasheet HTML 6Page - First Components International FC3255 Datasheet HTML 7Page - First Components International FC3255 Datasheet HTML 8Page - First Components International FC3255 Datasheet HTML 9Page - First Components International FC3255 Datasheet HTML 10Page - First Components International FC3255 Datasheet HTML 11Page - First Components International FC3255 Datasheet HTML 12Page - First Components International FC3255 Datasheet HTML 13Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
When the power switch turns off, there exists a volt-
age spike superimposed on top of the steady-state
voltage. Usually, this voltage spike is caused by
transformer leakage inductance charging stray ca-
pacitance between the V
and PGND pins. To pres-
SW
ent the voltage at the V
pin from exceeding the
SW
maximum rating, a transient voltage suppressor in
series with a diode is paralleled with the primary
windings. Another method of clamping switch volt-
age is to connect a transient voltage suppressor be-
tween the V
pin and ground.
SW
Magnetic Component Selection
When choosing a magnetic component, one must
consider factors such as peak current, core and fer-
rite material, output voltage ripple, EMI, temperature
range, physical size, and cost. In boost circuits, the
average inductor current is the product of output cur-
rent and voltage gain (V
/ V
), assuming 100%
OUT
CC
energy transfer efficiency. In continuous conduction
mode, inductor ripple current is
where:
f = 280kHz.
The peak inductor current is equal to average cur-
rent plus half of the ripple current, which should not
cause inductor saturation. The above equation can
also be referenced when selecting the value of the
inductor based on the tolerance of the ripple current
in the circuits. Small ripple current provides the bene-
fits of small input capacitors and greater output cur-
rent capability. A core geometry like a rod or barrel is
prone to generating high magnetic field radiation,
but is relatively cheap and small. Other core geome-
tries, such as toroids, provide a closed magnetic
loop to prevent EMI.
Input Capacitor Selection
In boost circuits, the inductor becomes part of the
input filter, as shown in Figure 11. In continuous
mode, the input current waveform is triangular and
does not contain a large pulsed current, During con-
tinuous conduction mode, the peak to peak inductor
ripple current is given in the previous section.
In
most applications, input capacitors in the range of
10µF to 100µF with an ESR less than 0.3W work
well up to a full 1.5A switch current.
The phase lead provided by this zero ensures that
the loop has at least a 45°C phase margin at the cross-
over frequency. Therefore, this zero should be placed
close to the pole generated in the power stage, which
can be identified at frequency:
where:
The high frequency pole, f , can be placed at the out-
P2
put filter's ESR zero or at half the switching frequency.
Placing the pole at this frequency will cut down on
switching noise. The frequency of this pole is deter-
mined by the value of C2 and R1:
One simple method to ensure adequate phase margin
is to design the frequency response with a - 20 dB per
decade slope, until unity-gain crossover. The crossover
frequency should be selected at the midpoint between
f
and f
where the phase margin is maximized.
Z1
P2
V
Voltage Limit
SW
In the boost topology, V
pin maximum voltage is set
SW
by the maximum output voltage plus the output diode
forward voltage. The diode forward voltage is typically
0.5V for Schottky diodes and 0.8V for ultrafast diodes
Where:
Where:
N = transformer turns ratio, primary over secondary
C = equivalent output capacitance of the error
O
amplifier 120pF;
R
= load resistance.
LOAD
f
=
P1
1
2pCR
O LOAD
V
= V
+ V
SW(MAX)
OUT(MAX)
F
V = output diode forward voltage.
F
In the flyback topology, peak V
voltage is governed by:
SW
V
= V
+ (V
+ V ) X N
SW(MAX)
CC(MAX)
OUT
F
f
=
P2
1
2pC1R1
Frequency(LOG)
f
P1
F
P2
f
Z1
Figure 10. Bode Plot of the Compensation
Network Shown in Figure 9.
I
=
RIPPLE
V
(V
- V
)
CC
OUT
CC
( f )( L )(V
)
OUT
FC3255 1.5A PWM Switching Regulators


Similar Part No. - FC3255

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
   1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results

Similar Description - FC3255

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110 Datasheet
2Mb / 1P
   PWM Switching Regulators
logo
Anpec Electronics Corop...
APW34063 ANPEC-APW34063 Datasheet
949Kb / 13P
   1.5A, DC/DC Switching Regulators
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
   1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Seiko Instruments Inc
S-8550AA-M5T1X SII-S-8550AA-M5T1X Datasheet
1Mb / 31P
   RECTIFICATION, PWM CONTROL SWITCHING REGULATORS
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Linear Technology
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com