Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1127EGK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1127EGK
Description  Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1127EGK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1127EGK Datasheet HTML 1Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 2Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 3Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 4Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 5Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 6Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 7Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 8Page - Maxim Integrated Products MAX1127EGK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Quad, 12-Bit, 65Msps, 1.8V ADC with
Serial LVDS Outputs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = 1.8V, OVDD = 1.8V, CVDD = 1.8V, GND = 0, external VREFIO = 1.24V, INTREF = AVDD, CREFIO to GND = 0.1µF,
fCLK = 65MHz (50% duty cycle), DT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input at GND
5
Input Leakage
DIIN
Input at AVDD
80
µA
Input Capacitance
DCIN
5pF
DIGITAL INPUTS (PLL_, LVDSTEST, DT, SLVS/LVDS, PD_, PDALL, T/B)
Input High Threshold
VIH
0.8 x
AVDD
V
Input Low Threshold
VIL
0.2 x
AVDD
V
Input at GND, except PLL2 and PLL3
5
Input at AVDD, except PLL2 and PLL3
80
Input Leakage
DIIN
PLL2 and PLL3 only
200
µA
Input Capacitance
DCIN
5pF
LVDS OUTPUTS (OUT_P, OUT_N, SLVS/LVDS = 0)
Differential Output Voltage
VOHDIFF
RTERM = 100Ω
250
450
mV
Output Common-Mode Voltage
VOCM
RTERM = 100Ω
1.125
1.375
V
Rise Time (20% to 80%)
tR
RTERM = 100Ω, CLOAD = 5pF
150
ps
Fall Time (80% to 20%)
tF
RTERM = 100Ω, CLOAD = 5pF
150
ps
SLVS OUTPUTS (OUT_P, OUT_N, CLKOUTP, CLKOUTN, FRAMEP, FRAMEN), SLVS/LVDS = 1, DT = 1
Differential Output Voltage
VOHDIFF
RTERM = 100Ω
240
mV
Output Common-Mode Voltage
VOCM
RTERM = 100Ω
220
mV
Rise Time (20% to 80%)
tR
RTERM = 100Ω, CLOAD = 5pF
120
ps
Fall Time (80% to 20%)
tF
RTERM = 100Ω, CLOAD = 5pF
120
ps
POWER-DOWN
PD Fall to Output Enable
tENABLE
132
µs
PD Rise to Output Disable
tDISABLE
10
ns
POWER REQUIREMENTS
AVDD Supply Voltage
AVDD
1.7
1.8
1.9
V
OVDD Supply Voltage
OVDD
1.7
1.8
1.9
V
CVDD Supply Voltage
CVDD
1.7
1.8
3.6
V


Similar Part No. - MAX1127EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11270 MAXIM-MAX11270 Datasheet
1Mb / 46P
   Integrated PGA
Rev 0; 8/14
MAX11270 MAXIM-MAX11270 Datasheet
2Mb / 34P
   Fully Assembled and Tested
Rev 0; 4/15
MAX11270EUG++ MAXIM-MAX11270EUG+ Datasheet
1Mb / 47P
   24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
MAX11270EVKIT MAXIM-MAX11270EVKIT Datasheet
2Mb / 34P
   Fully Assembled and Tested
Rev 0; 4/15
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
   24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
More results

Similar Description - MAX1127EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com