Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGM7632 Datasheet(PDF) 1 Page - First Components International

Part # FGM7632
Description  Output Currents up to 0.5A (output1 & 2)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FGM7632 Datasheet(HTML) 1 Page - First Components International

  FGM7632 Datasheet HTML 1Page - First Components International FGM7632 Datasheet HTML 2Page - First Components International FGM7632 Datasheet HTML 3Page - First Components International FGM7632 Datasheet HTML 4Page - First Components International FGM7632 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION
The FGM7632 is a multi-output positive voltage regulator
designed to provide fixed precision output voltages of 3.3V, 8V
at current up to 0.5A and 5.1V at current up to 1A with external
PNP transistor. An internal reset circuit generates a reset pulse
when the output 1 decrease below the regulated value. Output2
& 3 can be disabled by TTL input. Protection features include over
voltage protection, short circuit protection and thermal shutdown.
FEATURES
Output Currents up to 0.5A (output1 & 2)
Output Current up to 1A with External Transistor (output3)
Fixed Precision Output 1 voltage 3.3V
±2 %
Fixed Precision Output 2 voltage 8V
±2 %
Control Signal Generator for Output 3 voltage (5.1V
±2 %)
Reset Facility for Output Voltage1
Output 2,3 with Disable by TTL Input
Current Limit Protection at Each Output
Thermal Shut Down
Internal Block Diagram
10-SIP H / S
TA = 0 ... +125 ° C
2
Bandgap
Reference
1
Vin1
Vin2
0VP
Vin1
+
-
2.5V
SCP
9
50mV
Thermal
Shut Down
0VP
-
+
SCP
8
Output 1
Output 2
1.4V
Output 2,3
+
-
Disable
4
5
GND
SCP
SW
10
µA
-
+
3
6
7
10
DEL.CAP
RESET
Output 3
Cd
100nF
Vsys
10K
Control
A614 
-
+
Vin2


Similar Part No. - FGM7632

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
More results

Similar Description - FGM7632

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5-E ROHM-BDXXKA5-E Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
Siemens Semiconductor G...
BFQ76 SIEMENS-BFQ76 Datasheet
38Kb / 4P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2 GHz at collector currents up to 20 mA.)
logo
TE Connectivity Ltd
V23005 TEC-V23005 Datasheet
775Kb / 4P
   Contacts for signal loads and currents up to 5A
logo
Harris Corporation
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
Siemens Semiconductor G...
BFT92W SIEMENS-BFT92W Datasheet
56Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
BFT92 SIEMENS-BFT92 Datasheet
57Kb / 7P
   PNP Silicon RF Transistor (For broadband amplifiers up to 2GHz at collector currents up to 20mA)
logo
Ericsson
PKV3313PI ERICSSON-PKV3313PI Datasheet
1Mb / 21P
   DC/DC converter Input 9-36 and 18-72 Vdc Output up to 0.5A/3W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com