Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1098BEAE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1098BEAE
Description  10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1098BEAE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1098BEAE Datasheet HTML 3Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 4Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 5Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 6Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 7Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 8Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 9Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 10Page - Maxim Integrated Products MAX1098BEAE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
10-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0
150
100
50
250
200
450
400
350
300
500
-40
-20
0
20
40
60
80
MAX1099
SUPPLY CURRENT vs. TEMPERATURE
(VOLTAGE MEASUREMENT MODE)
TEMPERATURE (
°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
250
200
450
400
350
300
500
-40
-20
0
20
40
60
80
MAX1098
SUPPLY CURRENT vs. TEMPERATURE
(TEMPERATURE MEASUREMENT MODE)
TEMPERATURE (
°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
250
200
450
400
350
300
500
-40
-20
0
20
40
60
80
MAX1099
SUPPLY CURRENT vs. TEMPERATURE
(TEMPERATURE MEASUREMENT MODE)
TEMPERATURE (
°C)
EXTERNAL REFERENCE
INTERNAL REFERENCE
0
150
100
50
200
250
300
350
400
450
500
4.7
4.9
4.8
5.0
5.1
5.2
MAX1098
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
STANDBY
STANDBY+
MAX1099
POWER-DOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0
150
100
50
200
250
300
350
400
450
500
2.7
3.1
2.9
3.3
3.5
SUPPLY VOLTAGE (V)
STANDBY
STANDBY+
0
150
100
50
250
200
450
400
350
300
500
-40
-20
0
20
40
60
80
MAX1098
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
STANDBY
STANDBY+
0
150
100
50
250
200
450
400
350
300
500
-40
-20
0
20
40
60
80
MAX1099
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
STANDBY
STANDBY+
2.52
2.51
2.50
2.49
2.48
4.7
5.0
4.8
4.9
5.1
5.2
MAX1098
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.22
1.21
1.20
1.19
1.18
2.7
3.1
2.9
3.3
3.5
MAX1099
INTERNAL REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)


Similar Part No. - MAX1098BEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1098CEAE++ MAXIM-MAX1098CEAE+ Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
More results

Similar Description - MAX1098BEAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
logo
Zentrum Mikroelektronik...
ZADCS1082 ZMD-ZADCS1082 Datasheet
516Kb / 20P
   10-Bit, 250ksps, Serial Output ADC Family
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Cyrustek corporation
ES5108 CYRUSTEK-ES5108_06 Datasheet
521Kb / 18P
   ADC with serial output
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com