Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1874ETE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1874ETE
Description  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1874ETE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1874ETE Datasheet HTML 5Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 9Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 10Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 11Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 12Page - Maxim Integrated Products MAX1874ETE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Dual-Input, USB/AC Adapter, 1-Cell
Li+ Charger with OVP and Thermal Regulation
_______________________________________________________________________________________
9
INPUT POWER-
OK SELECT
OVERVOLTAGE AND
UNDERVOLTAGE
DETECT
LINEAR
REGULATOR
USB/DCLV
DETECT
N
N
IDCLV_SENSE
IUSB_SENSE
DCI
USEL
USB
DCLV
DC
BYP
PON
BATT
TEMPERATURE
VBATT
THERMISTOR
COMPARATORS
3.00V
REFERENCE
REF
5
5
0.25
0.4
120k
GND
DCOK
UOK
CHG
N
MAX1874
Functional Diagram


Similar Part No. - MAX1874ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874ETE MAXIM-MAX1874ETE Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
More results

Similar Description - MAX1874ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
   Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Eutech Microelectronics...
EUP8060X EUTECH-EUP8060X Datasheet
158Kb / 1P
   1A Li-Ion/Polymer Charger IC with Thermal Regulation and OVP
logo
Monolithic Power System...
MP26056 MPS-MP26056 Datasheet
396Kb / 11P
   28V, Li Single-Cell Battery Charger with USB/AC-Adapter Input
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
SC820 SEMTECH-SC820_1 Datasheet
367Kb / 22P
   Adapter/USB Dual Input Single-cell Li-ion Charger
logo
Maxim Integrated Produc...
MAX1551EZK MAXIM-MAX1551EZK Datasheet
317Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell Li Battery Chargers
Rev 0; 7/03
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
   Li Battery Charger with Thermal Regulation
logo
Maxim Integrated Produc...
MAX8600A MAXIM-MAX8600A Datasheet
177Kb / 12P
   Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer
Rev 1; 1/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com