Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3861 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3861
Description  2.7Gbps Post Amp with Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3861 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3861 Datasheet HTML 3Page - Maxim Integrated Products MAX3861 Datasheet HTML 4Page - Maxim Integrated Products MAX3861 Datasheet HTML 5Page - Maxim Integrated Products MAX3861 Datasheet HTML 6Page - Maxim Integrated Products MAX3861 Datasheet HTML 7Page - Maxim Integrated Products MAX3861 Datasheet HTML 8Page - Maxim Integrated Products MAX3861 Datasheet HTML 9Page - Maxim Integrated Products MAX3861 Datasheet HTML 10Page - Maxim Integrated Products MAX3861 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
Figure 1 is a functional diagram of the MAX3861 auto-
matic gain-control amplifier. The MAX3861 is divided
into three sections: main signal path, input signal
detection, and output signal detection.
Main Signal Path
The main signal path consists of variable gain ampli-
fiers with CML output levels and an offset cancellation
loop. This configuration allows for overall gains ranging
from -9.5dB to 43.5dB.
Offset-Cancellation Loop
The offset-cancellation loop partially reduces additional
offset at the input. In communications systems using
NRZ data with a 50% duty cycle, pulse-width distortion
present in the signal or generated by the transimped-
ance amplifier appears as input offset and is partially
removed by the offset cancellation loop. An external
capacitor is required between CZ+ and CZ- to com-
pensate the offset cancellation loop and determine the
lower 3dB frequency of the signal path.
Input Signal Detection and
SD Circuitry
The input signal detection circuitry consists of variable
gain amplifiers and threshold voltages. Input signal
detection information is compared to an internal refer-
ence and creates the RSSI voltage and an internal ref-
erence signal. The signal detect (SD) circuitry indicates
when the input signal is below the programmed thresh-
old by comparing a voltage proportional to the RSSI
signal with internally generated control voltages. The
SD threshold is set by a control voltage developed
across the external TH resistor (RTH). Two control volt-
ages, VASSERT and VDEASSERT, define the signal
detect assert and deassert levels. To prevent SD chat-
ter in the region of the programmed threshold, 2.8dB to
6.3dB of hysteresis is built into the SD assert/deassert
function and thus, once asserted, SD is not deasserted
until sufficient gain is retained. When input signal
detection (SD and RSSI) is not required, tie EN to a TTL
low to power-down this circuitry.
Output Signal Monitor and
Amplitude Control
Output amplitude typically can be adjusted from
400mVP-P to 920mVP-P by applying a control voltage
(0V to 2.0V) to the SC pin. See Output Signal Amplitude
vs. SC Pin Voltage in the Typical Operating
Characteristics. Connect the VREF pin (2.0V) to the SC
pin for maximum output amplitude. The output signal
monitor pin provides a DC voltage that is linearly pro-
portional to the output signal.
Design Procedure
Program the SD Threshold
The SD threshold is programmed by an external resis-
tor, RTH, between the range of 2mVP-P to 100mVP-P.
The circuit is designed to have approximately 4.5dB of
hysteresis over the full range. See Signal Detect
Threshold vs. RTH graph in the Typical Operating
Characteristics for proper sizing.
2.7Gbps Post Amp with Automatic Gain Control
_______________________________________________________________________________________
7
VCC
MAIN SIGNAL PATH
CONTROL
BLOCK
AND
OUTPUT
SIGNAL
DETECT
CZ+
CZ-
OUT+
OUT-
OSM
SC
VREF
SD
CG+
CG-
SD CIRCUITRY
GND
RTH
TH
EN
CD-
RSSI
CD+
IN-
IN+
MAX3861
Figure 1. Functional Diagram


Similar Part No. - MAX3861

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3863 MAXIM-MAX3863 Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863E/D MAXIM-MAX3863E/D Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
466Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
Rev 2; 5/03
logo
List of Unclassifed Man...
MAX3863EGJ ETC-MAX3863EGJ Datasheet
65Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX3863EGJ MAXIM-MAX3863EGJ Datasheet
531Kb / 15P
   2.7Gbps Laser Driver with Modulation Compensation
2008
More results

Similar Description - MAX3861

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4732-A10 SILABS-SI4732-A10 Datasheet
1Mb / 3P
   Automatic gain control
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
PHY1076 MAXIM-PHY1076 Datasheet
930Kb / 49P
   125Mbps to 2.7Gbps Laser Driver/ Post Amp with Digital Diagnostics
19-5684; Rev 9/12
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
Samsung semiconductor
S1T8507C SAMSUNG-S1T8507C Datasheet
93Kb / 6P
   Automatic gain control system
logo
LSI Computer Systems
LS7540 LSI-LS7540 Datasheet
59Kb / 5P
   TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
logo
Panasonic Semiconductor
AN5285K PANASONIC-AN5285K Datasheet
57Kb / 5P
   Sound level automatic gain control IC
logo
LSI Computer Systems
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com