Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3967 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3967
Description  270Mbps SFP LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3967 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3967 Datasheet HTML 1Page - Maxim Integrated Products MAX3967 Datasheet HTML 2Page - Maxim Integrated Products MAX3967 Datasheet HTML 3Page - Maxim Integrated Products MAX3967 Datasheet HTML 4Page - Maxim Integrated Products MAX3967 Datasheet HTML 5Page - Maxim Integrated Products MAX3967 Datasheet HTML 6Page - Maxim Integrated Products MAX3967 Datasheet HTML 7Page - Maxim Integrated Products MAX3967 Datasheet HTML 8Page - Maxim Integrated Products MAX3967 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
270Mbps SFP LED Driver
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage at VCC, VCCOUT
(VEE, VEEOUT = 0V) ..............................................-0.5V to +7V
Current into OUT+, OUT- ................................-40mA to +160mA
Differential Output Voltage (OUT+ to OUT-) .........-3.3V to +3.3V
Voltage at PB1, PB2, PB3,
IN+, IN-, OUT+, OUT-, TX_DISABLE......-0.5V to (VCC + 0.5V)
Voltage at TCMIN, TCNOM, TC, MODSET, MON ....-0.5V to +2V
Continuous Power Dissipation (TA = +85°C)
24-Lead Thin QFN (derate 20.8mW/C
°
above +85
°C).............................................................1354mW
Operating Junction Temperature Range ...........-40°C to +150°C
Die Attach Temperature...................................................+400°C
Storage Temperature Range .............................-50°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(Load as specified in Figure 1; VCC = +2.97V to +5.5V (at the VCC pins); VEE, VEEOUT = 0V; TA = -40°C to +85°C, unless otherwise
noted. Temperature coefficients are referenced to TA = +25°C. Typical values are at VCC = +3.3V, TA = +25°C, unless otherwise
noted. Dice are tested at TA = +25°C only.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Data Input High Voltage
Referenced to VCC, DC-coupled input
-1.165
-0.880
V
Data Input Low Voltage
Referenced to VCC, DC-coupled input
-1.810
-1.475
V
Supply Current
ICC
(Note1)
30
39
mA
Input Current at IN+ or IN-
-50
+50
µA
TA = -40
°C
110
TA = +25
°C
124
RMODSET = 698
(Note 2)
TA = +85
°C
139
TA = -40
°C14
TA = +25
°C18
RMODSET = 3.0k
(Note 3)
TA = +85
°C22
Modulation Current
(Note 3)
66.0
75
84.5
mA
PB1, PB2, PB3 = (open, open, open)
0.368
0.400
0.451
PB1, PB2, PB3 = (VEE, VEE, open)
0.575
0.625
0.696
Prebias Voltage
PB1, PB2, PB3 = (VEE, VEE, VEE)
0.848
0.925
1.026
V
Maximum tempco (TC open)
12,000
Nominal tempco (TC shorted to TCNOM)
3600
Temperature Coefficient of
Modulation Current
Minimum tempco (TC shorted to TCMIN)
2500
ppm/°C
Prebias Resistor
RPREBIAS
66
78
90
TX_DISABLE Resistance
Resistance to VEE (Note 4)
50
65
100
k
TX_DISABLE High
VIH
2.0
V
TX_DISABLE Low
VIL
0.8
V
Monitor Gain
IMON / IMODSET, VMON < 1.1V,
RMODSET = 1k
Ω, TC = TCMIN
0.92
1
1.08
A/A
Note 1: RMODSET = 1k
Ω. Excludes IOUT+ and IOUT-, TX_DISABLE high or low.
Note 2: TC connected to TCMIN.
Note 3: VCC = +3.3V, VLED = 1.55V, prebias voltage programmed at 0.625V (nominal), TA = +25
°C. RMODSET = 1kΩ, (programs
approximately 80mA), TC connected to TCNOM.
Note 4: The TX_DISABLE pin is internally pulled low. The driver is enabled when TX_DISABLE is left open.


Similar Part No. - MAX3967

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3967A MAXIM-MAX3967A Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
MAX3967AE/D MAXIM-MAX3967AE/D Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
MAX3967AETG MAXIM-MAX3967AETG Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
More results

Similar Description - MAX3967

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3967A MAXIM-MAX3967A Datasheet
836Kb / 10P
   270Mbps SFP LED Driver
Rev 0; 3/05
MAX3982 MAXIM-MAX3982 Datasheet
1Mb / 15P
   SFP Copper-Cable Preemphasis Driver
Rev 0; 8/04
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
   3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com