Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSRI1-7815-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMSRI1-7815-NZ
Description  Up to 15Watt | DC-DC Switching Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRI1-7815-NZ Datasheet(HTML) 1 Page - AIMTEC

  AMSRI1-7815-NZ Datasheet HTML 1Page - AIMTEC AMSRI1-7815-NZ Datasheet HTML 2Page - AIMTEC AMSRI1-7815-NZ Datasheet HTML 3Page - AIMTEC AMSRI1-7815-NZ Datasheet HTML 4Page - AIMTEC AMSRI1-7815-NZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMSRI1-78-NZ
Up to 15Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC (924 6832)
F 051e R6.C
1 of 5
North America only
Comming soon
FEATURES:
• Continuous Short Circuit Protection
Pin Compatible to LM78xx
• Operating temperature -40°C to +85°C
Very high efficiency up to 96%
• Ultra-low no load power consumption
Non-Isolated
• Pin Compatible to LM78xx
Regulated Outputs
Models
Single output
Model
Input Voltage
Nom/Range
(V)
Output
Voltage
(V)
Output
Current max
(mA)
Efficiency
Vin Min
(%)
Efficiency
Vin Max
(%)
Max.
Capacitive
load (µF)
AMSRI1-783.3-NZ
24 / 6-36
3.3
1000
90
81
680
AMSRI1-7805-NZ
24 / 8-36
5
1000
93
86
680
12 / 8-27
-5
-500
86
82
330
AMSRI1-7809-NZ
24 / 13-36
9
1000
95
90
680
AMSRI1-7812-NZ
24 / 16-36
12
1000
96
93
680
12 / 8-20
-12
-300
89
88
330
AMSRI1-7815-NZ
24 / 20-36
15
1000
96
94
680
12 / 8-18
-15
-300
89
89
330
AMSRI1-783.3L-NZ
24 / 6-36
3.3
1000
90
81
680
AMSRI1-7805L-NZ
24 / 8-36
5
1000
93
86
680
12 / 8-27
-5
-500
86
82
330
AMSRI1-7809L-NZ
24 / 13-36
9
1000
95
90
680
AMSRI1-7812L-NZ
24 / 16-36
12
1000
96
93
680
12 / 8-20
-12
-300
89
88
330
AMSRI1-7815L-NZ
24 / 20-36
15
1000
96
94
680
12 / 8-18
-15
-300
89
89
330
Note: For higher than 30VDC input, adding 22µF/50V capacitor required.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
No load input current
Positive output
0.1
1
mA
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±2
±4
%
Short Circuit protection
Continuous, auto recovery
Line voltage regulation
Vin=(LL-HL) at full load
±0.2
±0.4
%
Load voltage regulation
10-100% load
±0.4
±0.6
%
Temperature coefficient
Full temperature range
±0.03
%/oC
Ripple & Noise
20MHz Bandwidth, 20
– 100% load
20
75
mV p-p
Transient response deviation
Nom Vin, 25% load step change
50
300
mV
Transient recovery time
0.1
1
ms
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, 3.3V and 5V output
520
620
KHz
100% load, others
680
780
Operating temperature
With derating above 71oC
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
Non-condensing
95
%
Case material
Heat resistant black plastic (UL94V-0 rated)
Weight
3.8
g
Click on Series name for product info on aimtec.com


Similar Part No. - AMSRI1-7815-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRI1-7815-NZ AIMTEC-AMSRI1-7815-NZ Datasheet
504Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
More results

Similar Description - AMSRI1-7815-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRO1-78-NZ AIMTEC-AMSRO1-78-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSRO1-783.3-NZ AIMTEC-AMSRO1-783.3-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSRI1-78-NZ AIMTEC-AMSRI1-78-NZ Datasheet
504Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78Z AIMTEC-AMSR-78Z_16 Datasheet
164Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ_16 Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com