Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9485 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9485
Description  Programmable Audio Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9485 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9485 Datasheet HTML 7Page - Maxim Integrated Products MAX9485 Datasheet HTML 8Page - Maxim Integrated Products MAX9485 Datasheet HTML 9Page - Maxim Integrated Products MAX9485 Datasheet HTML 10Page - Maxim Integrated Products MAX9485 Datasheet HTML 11Page - Maxim Integrated Products MAX9485 Datasheet HTML 12Page - Maxim Integrated Products MAX9485 Datasheet HTML 13Page - Maxim Integrated Products MAX9485 Datasheet HTML 14Page - Maxim Integrated Products MAX9485 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SDA line operates as both an input and an open-drain
output. A pullup resistor, typically 4.7kΩ, is required on
SDA. The SCL line operates only as an input. A pullup
resistor, typically 4.7kΩ, is required on SCL if there are
multiple masters on the 2-wire bus, or if the master in a
single-master system has an open-drain SCL output.
Start and Stop Conditions
Both SCL and SDA remain high when the interface is
idle. The active master signals the beginning of a trans-
mission with a START (S) condition by transitioning
SDA from high to low while SCL is high. After communi-
cation, the MAX9485 issues a STOP (P) condition by
transitioning SDA from low to high while SCL is high,
freeing the bus for another transmission (Figure 5). If a
START or STOP occurs while a bus transaction is in
progress, then it terminates the transaction.
Data Transfer and Acknowledge
Following the START condition, each SCL clock pulse
transfers 1 bit. For the MAX9485 interface, between a
START and a STOP, 18 bits are transferred on the
2-wire bus. The first 7 bits are for the device address.
Bit 8 indicates the writing (low) or reading (high) opera-
tion (R/W). Bit 9 is the ACK for the address and opera-
tion type. Bits 10 though 17 form the data byte. Bit 18 is
the ACK for the data byte. The master always transfers
the first 8 bits (address + R/W). The slave (MAX9485)
can receive the data byte from the bus or transfer it to
the bus from the internal register. The ACK bits are
transmitted by the address or data recipient. A low
ACK bit indicates a successful transfer (Acknowledge),
a high ACK bit indicates an unsuccessful transfer (Not
Acknowledge). Figure 6 shows the structure of the data
transfer. During a write operation, if more synchronous
data is transferred, it overwrites the data in the register.
During a read operation, if more clocks are reset on
SCL, the SDA continues to respond to the register data.
Programmable Audio Clock Generator
______________________________________________________________________________________
11
C3
C2
OUTPUT SCALING FACTOR
00
256
01
384
10
768
11
Reserved
Table 13. Frequency Scaling Factors
C1
C0
SAMPLING FREQUENCY (kHz)
00
12
01
32
10
44.1
11
48
SDA
SCL
START
CONDITION
STOP
CONDITION
S
P
Table 14. Sampling Frequency Selection
Note: (C1, C0) = (0, 0) and C4 = 1 (double) is not a proper selec-
tion. However, when set, it selects 12kHz sampling frequency.
Figure 5. Start and Stop Conditions
S
SLAVE ADDRESS
7 BITS
R/W
A
A = ACK; A = 0: ACKNOWLEDGE, A = 1: NOT ACKNOWLEDGE
S = START CONDITION
P = STOP CONDITION
MASTER-WRITE DATA STRUCTURE
MASTER TRANSFERS TO SLAVE
SLAVE TRANSFERS TO MASTER
MASTER-READ DATA STRUCTURE
DATA
8 BITS
P
A
A
R/W
SLAVE ADDRESS
7 BITS
S
DATA
8 BITS
P
A
Figure 6. Serial Interface Data Structure


Similar Part No. - MAX9485

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9480 MAXIM-MAX9480 Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480 MAXIM-MAX9480 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480CUP MAXIM-MAX9480CUP Datasheet
465Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 1; 1/03
MAX9480EUP MAXIM-MAX9480EUP Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
MAX9480 MAXIM-MAX9480_05 Datasheet
524Kb / 18P
   Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers
Rev 2; 9/05
More results

Similar Description - MAX9485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com