Electronic Components Datasheet Search |
|
ILPA50JW-S277SS Datasheet(PDF) 2 Page - Vitec Power |
|
ILPA50JW-S277SS Datasheet(HTML) 2 Page - Vitec Power |
2 / 2 page Conditions Parameter Test Conditions Min. Typ. Max. Unit Operating Temperature Humidity: 10% RH to 100% RH -35 60 °C Storage Temperature Humidity: 5% RH to 100% RH -40 85 °C MTBF: Operation temperature at 25°C, calculated per MIL-HDBK-217F 0.3M Hours Life Time at 25°C ambient temperature 0.08M Hours Approvals and Compliance Parameter Standards EMI EN55015 EMS EN61000-3-2, EN61000-3-3, EN61000-4-2, EN61000-4.3, , EN61000-4-4, , EN61000-4-5, EN61000-4-6, EN61000-4-8, EN61000-4-1-1, EN61547 Safety UL/c-UL, CE UL8750 Compliant to UL1310 Class 2, UL1012, UL935, CSA-C22.2 No. 0, CSA-C22.2 No. 107.1, CSA-C22.2 No.250.0, EN61347-1,EN61347-2-13 Waterproof IP67 Rating Mechanical Parameter Specification Dimension, 162x34.5x42.5mm (6.38x1.36x1.67 inches) Net Weight 460g approx. |
Similar Part No. - ILPA50JW-S277SS |
|
Similar Description - ILPA50JW-S277SS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |