Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILPA50JW-S070SS Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA50JW-S070SS
Description  50W Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA50JW-S070SS Datasheet(HTML) 1 Page - Vitec Power

  ILPA50JW-S070SS Datasheet HTML 1Page - Vitec Power ILPA50JW-S070SS Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA50JW SERIES
50W Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 264VAC, 47 to 63Hz
Constant Output Current Available From 0.35A To 3.0A
Over Voltage, Short Circuit, Lighting, and Over Temperature Protection
High Efficiency (up to 88%)
Active Power Factor Correction (PFC) (87% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage Range
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min/Typ/Max)
Max.
Output Power
ILPA50JW-S300SS
2850 / 3000 / 3150 mA
7 / 12 VDC
84%
14 / 16 / 18 VDC
50W
ILPA50JW-S277SS
2635 / 2770 / 2905 mA
9 / 18 VDC
85%
22 / 24 / 27 VDC
50W
ILPA50JW-S210SS
1995 / 2100 / 2205 mA
13 / 24 VDC
86%
29 / 32 / 36 VDC
50W
ILPA50JW-S140SS
1330 / 1400 / 1470 mA
18 / 36 VDC
87%
43 / 48 / 54 VDC
50W
ILPA50JW-S119SS
1130 / 1100 / 1250 mA
21 / 45.5 VDC
87%
50 / 57 / 63 VDC
50W
ILPA50JW-S105SS
997 / 1050 / 1102 mA
24 / 48 VDC
88%
58 / 65 / 72 VDC
50W
ILPA50JW-S070SS
665 / 700 / 735 mA
36 / 72 VDC
88%
86 / 97 / 108 VDC
50W
ILPA50JW-S045SS
428 / 450 / 472 mA
56 / 111 VDC
88%
133 / 150 / 167 VDC
50W
ILPA50JW-S035SS
333 / 350 / 367 mA
71 / 142 VDC
88%
170 / 192 / 213 VDC
50W
Item S300SS, -S277SS, -S210SS use Class 2 output (USR & CNR). Item -S119SS uses Class2 output (USR), Non-Class 2 output (CNR).
Item -S140SS, -S105SS, -S070SS,-S045SS,-S035SS use Non-Class 2 output (USR & CNR)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
50
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.70
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.35
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
65
A
Power Factor Correction
Vin=110VAC
86
87
%
Efficiency
Io=Full Load, Vin=220VAC
84
88
%
No-Load Power Consumption
No Load, VIn=230VAC
1
W
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
3
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
3
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and
the output paralleled a 0.1 uF ceramic capacitor and
a 10 uF electrolytic capacitor.
2
% Vo


Similar Part No. - ILPA50JW-S070SS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA50JW-S070SS Vitec-ILPA50JW-S070SS Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA50JW-S070SS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50VW-SERIES Vitec-ILPA50VW-SERIES Datasheet
282Kb / 2P
   50W Water-Proof Constant Voltage LED Driver
ILPA50VW Vitec-ILPA50VW Datasheet
282Kb / 2P
   50W Water-Proof Constant Voltage LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100JU Vitec-ILPA100JU Datasheet
298Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA30JW Vitec-ILPA30JW Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA60JU Vitec-ILPA60JU Datasheet
296Kb / 2P
   60W Water-Proof Constant Current LED Driver
ILPA120JU-SERIES Vitec-ILPA120JU-SERIES Datasheet
290Kb / 2P
   120W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com