Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9317AETJ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9317AETJ
Description  Dual 1:5 Differential Clock Drivers with LVPECL Inputs and LVDS Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9317AETJ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9317AETJ Datasheet HTML 1Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 2Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 3Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 4Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 5Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 6Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 7Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 8Page - Maxim Integrated Products MAX9317AETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dual 1:5 Differential Clock Drivers with LVPECL
Inputs and LVDS Outputs
4
_______________________________________________________________________________________
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
70
75
80
85
90
65
-40
85
INPUTS OPEN, OUTPUTS TERMINATED
WITH 100
Ω DIFFERENTIAL
OUTPUT AMPLITUDE (VOH - VOL)
vs. CLK_ FREQUENCY
CLK_ FREQUENCY (GHz)
1.5
1.0
0.5
100
200
300
400
0
0
2.0
OUTPUT RISE/FALL TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
190
200
210
220
230
180
-40
85
FALL TIME
RISE TIME
CLK-TO-Q PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
315
320
325
330
335
340
310
-40
85
tPLH
tPHL
CLK-TO-Q PROPAGATION DELAY vs. HIGH
VOLTAGE OF DIFFERENTIAL INPUT (VIHD)
HIGH VOLTAGE OF DIFFERENTIAL INPUT (V)
2.4
2.1
1.8
1.5
322.5
323.0
323.5
324.0
322.0
1.2
tPLH
tPHL
Typical Operating Characteristics
(MAX9317, VCC = 2.5V, all outputs loaded with 100
Ω ±1%, between Q_ and Q_, fIN = 1.0GHz, input transition time = 125ps (20% to
80%), VIHD = VCC - 1.0V, VILD = VCC - 1.5V, unless otherwise noted.)
Note 1: Measurements are made with the device in thermal equilibrium.
Note 2: Current into a pin is defined as positive. Current out of a pin is defined as negative.
Note 3: DC parameters are production tested at +25°C. DC limits are guaranteed by design and characterization over the full oper-
ating temperature range.
Note 4: Guaranteed by design and characterization, and are not production tested. Limits are set to ±6 sigma.
Note 5: All outputs loaded with 100
Ω differential, all inputs biased differential high or low except VT_.
Note 6: Measured between outputs of the same device at the signal crossing points for a same-edge transition.
Note 7: Measured between outputs on different devices for identical transitions and VCC levels.
Note 8: Device jitter added to the input signal.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.375V to 2.625V (MAX9317/MAX9317A) or VCC = 3.0V to 3.6V (MAX9317B/MAX9317C), all outputs loaded with 100
Ω ±1%,
between Q_ and Q_, fIN
≤ 1.0GHz, input transition time = 125ps (20% to 80%), VIHD - VILD = 0.15V to VCC, unless otherwise noted.
Typical values are at VCC = 2.5V (MAX9317/MAX9317A), VCC = 3.3V (MAX9317B/MAX9317C), fIN = 1.0GHz, VIHD = VCC - 1.0V,
VILD = VCC - 1.5V, unless otherwise noted.) (Notes 1 and 4)
-40°C
+25°C
+85°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Differential
Output Rise/Fall
Time
tR/tF
20% to 80%, Figure 1
140
200
300
140
205
300
140
205
300
ps


Similar Part No. - MAX9317AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX931 MAXIM-MAX931 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX931-MAX934 MAXIM-MAX931-MAX934 Datasheet
164Kb / 16P
   Ultra Low-Power, Low-Cost Comparators with 2eference
19-0194; Rev 1; 2/97
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9310AEUP MAXIM-MAX9310AEUP Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
More results

Similar Description - MAX9317AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9310A MAXIM-MAX9310A Datasheet
176Kb / 11P
   1:5 Clock Driver with Selectable LVPECL Inputs/Single-Ended Inputs and LVDS Outputs
Rev 0; 7/02
MAX9312 MAXIM-MAX9312 Datasheet
112Kb / 9P
   Dual 1:5 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 4/09
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Maxim Integrated Produc...
MAX9320 MAXIM-MAX9320 Datasheet
196Kb / 9P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 0; 8/01
MAX9311 MAXIM-MAX9311 Datasheet
377Kb / 12P
   1:10 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
Rev 2; 10/02
MAX9320 MAXIM-MAX9320_V01 Datasheet
620Kb / 10P
   1:2 Differential LVPECL/LVECL/HSTL Clock and Data Drivers
2004
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
[Old version datasheet]   LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
SN65LVDS049 TI-SN65LVDS049_05 Datasheet
191Kb / 12P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049 Datasheet
179Kb / 1P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com