Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA15A-S02 Datasheet(PDF) 2 Page - Vitec Power

Part # SMDA15A-S02
Description  15W Desktop Power Supply For Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA15A-S02 Datasheet(HTML) 2 Page - Vitec Power

  SMDA15A-S02 Datasheet HTML 1Page - Vitec Power SMDA15A-S02 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.1M
Hrs
Derate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage=500VDC
50
M
Ω
EMI requirements for EN55022
Vin=230VAC,50HZ
B
CLASS
EMI requirements for FCC PART-18
Vin=120VAC,60HZ
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm.
2.
Weight: 170gs approx.


Similar Part No. - SMDA15A-S02

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA15A-S02 Vitec-SMDA15A-S02 Datasheet
237Kb / 2P
   15W Desktop Power Supply For Medical Equipment
More results

Similar Description - SMDA15A-S02

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA15A-SERIES Vitec-SMDA15A-SERIES Datasheet
237Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15B Vitec-SMDA15B Datasheet
221Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15C Vitec-SMDA15C Datasheet
217Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15C-SERIES Vitec-SMDA15C-SERIES Datasheet
217Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SMDA15B-SERIES Vitec-SMDA15B-SERIES Datasheet
221Kb / 2P
   15W Desktop Power Supply For Medical Equipment
SIDA16B Vitec-SIDA16B Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16C Vitec-SIDA16C Datasheet
361Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16A-SERIES Vitec-SIDA16A-SERIES Datasheet
422Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16B-SERIES Vitec-SIDA16B-SERIES Datasheet
346Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
SIDA16A Vitec-SIDA16A Datasheet
434Kb / 2P
   15W Desktop Power Supply For Industrial Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com