Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7382CMWB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX7382CMWB
Description  Silicon Oscillator with Reset Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7382CMWB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX7382CMWB Datasheet HTML 1Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 2Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 3Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 4Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 5Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 6Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 7Page - Maxim Integrated Products MAX7382CMWB Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Silicon Oscillator with Reset Output
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = VL = 5V, TA = +25°C, frequency = 10MHz, unless otherwise noted.)
48.0
48.5
49.5
49.0
50.0
50.5
-55
21
-17
59
97
135
DUTY CYCLE vs. TEMPERATURE
TEMPERATURE (
°C)
FREQUENCY = 10MHz
DUTY CYCLE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
46
47
48
49
50
51
45
2.7
5.5
FREQUENCY = 11.0592MHz
2.90
3.00
2.95
3.10
3.05
3.20
3.15
3.25
-55
21
59
-17
97
135
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
FREQUENCY = 10MHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
2.0
2.5
3.0
3.5
4.0
1.5
2.7
5.5
FREQUENCY = 11.0592MHz
FREQUENCY DEVIATION
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
3.1
3.5
3.9
4.3
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
2.7
5.5
FREQUENCY = 11.0592MHz
FREQUENCY DEVIATION
vs. TEMPERATURE
TEMPERATURE (
°C)
97
59
-17
21
-3
-2
-1
0
1
2
3
4
-4
-55
135
FREQUENCY = 10MHz
CHANNEL 1 = CLOCK, CHANNEL 2 = VCC
10
µs/div
SETTLING TIME FROM START
MAX7382 toc07
CH1 FREQ
9.992MHz
LOW RESOLUTION
CLOCK OUTPUT WAVEFORM
(CL = 10pF)
MAX7382 toc08
20ns/div
CLOCK OUTPUT WAVEFORM
(CL = 10pF)
MAX7382 toc09
20ns/div


Similar Part No. - MAX7382CMWB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7382C___-T MAXIM-MAX7382C___-T Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
More results

Similar Description - MAX7382CMWB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7376 MAXIM-MAX7376 Datasheet
673Kb / 8P
   Silicon Oscillator with Reset Output
Rev 0; 10/04
MAX7382 MAXIM-MAX7382_V01 Datasheet
238Kb / 8P
   Silicon Oscillator with Reset Output and Enable
2007
MAX7384 MAXIM-MAX7384 Datasheet
732Kb / 9P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 11/04
MAX7378 MAXIM-MAX7378 Datasheet
619Kb / 10P
   Silicon Oscillator with Low-Power Frequency Switching and Reset Output
Rev 0; 7/04
logo
TOKO, Inc
TK119XX TOKO-TK119XX Datasheet
134Kb / 23P
   VOLTAGE REGULATOR WITH RESET OUTPUT
logo
Golledge Electronics Lt...
GXO-E72J GOLLEDGE-GXO-E72J Datasheet
607Kb / 5P
   2.5V Oscillator with LV-PECL Output 2.5V Oscillator with LV-PECL Output
logo
Linear Technology
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909_15 Datasheet
312Kb / 22P
   1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
   Reset Circuit with Manual Reset
logo
Silicon Standard Corp.
SS811 SSC-SS811 Datasheet
320Kb / 8P
   Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com