Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA30-D01 Datasheet(PDF) 1 Page - Vitec Power

Part # SMDA30-D01
Description  30W Desktop for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA30-D01 Datasheet(HTML) 1 Page - Vitec Power

  SMDA30-D01 Datasheet HTML 1Page - Vitec Power SMDA30-D01 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMDA30 SERIES
30W Desktop for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 3VDC Thru 40VDC
Single to Triple Output
Input Surge Current, Over Voltage, and Over Load Protection.
CEC Level V, Energy Star 2.0, and RoHS Compliance
Class I Insulation
3 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Max. Output Current
Total Regulation
Maximum Output Power
SMDA30-S01*
3 ~ 5 VDC
6.66 ~ 4.00 A
5%
20W
SMDA30-S02*
5 ~ 6 VDC
5.00 ~ 4.16 A
5%
25W
SMDA30-S03*
6 ~ 8 VDC
4.16 ~ 3.12 A
5%
25W
SMDA30-S04*
8 ~ 11 VDC
3.75 ~ 2.72 A
4%
30W
SMDA30-S05*
11 ~ 13 VDC
2.72 ~ 2.30 A
3%
30W
SMDA30-S06*
13 ~ 16 VDC
2.30 ~ 1.87 A
3%
30W
SMDA30-S07
16 ~ 21 VDC
1.87 ~ 1.42 A
3%
30W
SMDA30-S08
21 ~ 27 VDC
1.42 ~ 1.11 A
2%
30W
SMDA30-S09
27 ~ 33 VDC
1.11 ~ 0.90 A
2%
30W
SMDA30-S10
33 ~ 40 VDC
0.90 ~ 0.75 A
2%
30W
Multi Output
Model
Number
Output 1
Output 2
Output 3
Maximum
Output
Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
SMDA30-D00*
+3.3V
0.3A
3A
7%
+12V
0.13A
1.3A
5%
25W
SMDA30-D01*
+5V
0.3A
3A
5%
+12V
0.13A
1.3A
5%
30W
SMDA30-D02*
+5V
0.3A
3A
5%
+15V
0.1A
1.0A
5%
30W
SMDA30-D03
+5V
0.3A
3A
5%
+24V
0.07A
0.7A
5%
30W
SMDA30-D04*
+3.3V
0.3A
3A
7%
+5V
0.16A
1.6A
5%
17.9W
SMDA30-D09*
+12V
0.2A
2A
5%
-12V
0A
0.5A
10%
30W
SMDA30-D10*
+15V
0.15A
1.5A
5%
-15V
0A
0.5A
10%
30W
SMDA30-D15
+5V
0.25A
2.5A
5%
-24V
0A
1.0A
10%
30W
SMDA30-T01*
+5V
0.25A
2.5A
5%
+12V
0.13A
1.3A
5%
-5V
0A
0.5A
10%
25W
SMDA30-T02*
+5V
0.25A
2.5A
5%
+12V
0.1A
1.0A
5%
-12V
0A
0.5A
10%
30W
SMDA30-T03*
+5V
0.25A
2.5A
5%
+15V
0.1A
1.0A
5%
-15V
0A
0.5A
10%
30W
SMDA30-T04
+5V
0.3A
3.0A
5%
+24V
0.1A
1.OA
5%
-24V
0A
0.5A
10%
30W
SMDA30-T05
+5V
0.3A
3.0A
5%
+24V
0.1A
1.0A
5%
-12V
OA
0.5A
10%
30W
SMDA30-T06*
+3.3V
0.25A
2.5A
7%
+12V
0.11A
1.1A
5%
-5V
OA
0.5A
10%
25W
Mark " * " means " PSE approval "
The model number of S03~S11 had been approved by CEC level V.
Total Regulation is conditioned by below configuration
(S03~S04: AWG16/4FT output cable)
(S05~S08: AWG88/6FT output cable)
(S09~S10: AWG20/6FT output cable)


Similar Part No. - SMDA30-D01

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA30-D01 Vitec-SMDA30-D01 Datasheet
391Kb / 2P
   30W Desktop for Medical Equipment
More results

Similar Description - SMDA30-D01

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA30-SERIES Vitec-SMDA30-SERIES Datasheet
391Kb / 2P
   30W Desktop for Medical Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31A Vitec-SHDA31A Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B-SERIES Vitec-SHDA31B-SERIES Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SHDA31B Vitec-SHDA31B Datasheet
381Kb / 2P
   30W Desktop Power Supply for Medical Equipment
STDA31-SERIES Vitec-STDA31-SERIES Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SIDA31-SERIES Vitec-SIDA31-SERIES Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
SIDA31 Vitec-SIDA31 Datasheet
335Kb / 2P
   30W Desktop Power Supply for Industrial Equipment
STDA31 Vitec-STDA31 Datasheet
338Kb / 2P
   30W Desktop Power Supply for I.T. Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com