Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8559ETA2G Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8559ETA2G
Description  Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8559ETA2G Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8559ETA2G Datasheet HTML 3Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 4Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 5Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 6Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 7Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 8Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 9Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 10Page - Maxim Integrated Products MAX8559ETA2G Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
quiescent current at no load and 220µA with 100mA
load current on both outputs (see the Typical Operating
Characteristics). A PNP-based regulator has a high
dropout voltage that is independent of the load. A P-
channel MOSFET’s dropout voltage is proportional to
load current, providing for low dropout voltage at heavy
loads and extremely low dropout at lighter loads.
Current Limit
The MAX8559 contains two independent current lim-
iters, one for each regulator output, monitoring and
controlling the pass transistor’s gate voltage and limit-
ing the output current to 310mA (min). The outputs can
be shorted to ground continuously without damaging
the part.
Low-Noise Operation
An external 0.01µF bypass capacitor at BP in conjunc-
tion with an internal resistor creates a lowpass filter.
The MAX8559 exhibits less than 32µVRMS of output
voltage noise with CBP = 0.01µF and COUT = 10µF. The
Typical Operating Characteristics show a graph of
Output-Noise Spectral Density with these values. If out-
put noise is not critical, the BP capacitor can be
removed to reduce total solution size and cost.
Shutdown
The MAX8559 has independent shutdown control
inputs (SHDNA and SHDNB). Drive SHDNA low to shut
down OUTA. Drive SHNDB low to shut down OUTB.
Drive both SHDNA and SHDNB low to shut down the
entire chip, reducing supply current to 0.01µA. Connect
SHDNA or SHDNB to a logic high or IN_ for always-on
operation of the corresponding LDO. Each LDO output
is internally discharged to ground through a 385Ω
resistor in shutdown mode.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX8559. Each regulator has its own inde-
pendent thermal detector. When one of the regulators’
junction temperature exceeds TJ = +160°C, that regu-
lator’s pass transistor is turned off allowing the IC to
cool. The thermal sensor turns the pass transistor on
again after the IC’s junction temperature cools by 10°C.
This results in a pulsed output during continuous ther-
mal-overload conditions.
Operating Region and Power Dissipation
The MAX8559 maximum power dissipation depends on
the thermal resistance of the case and the circuit board,
the temperature difference between the die junction and
ambient air, and the rate of airflow. The power dissipa-
tion across the device is P = IOUT x (VIN - VOUT).
The maximum power dissipation allowed is:
PMAX = (TJ - TA) / (RθJB + RθBA)
where TJ - TA is the temperature difference between
the MAX8559 die junction and the surrounding air,
RθJB (RθJC) is the thermal resistance of the package,
and RθBA is the thermal resistance through the printed
circuit board, copper traces, and other materials to the
surrounding air.
The exposed paddle of the TDFN package performs
the function of channeling heat away. Connect the
exposed paddle to the board ground plane.
Applications Information
Capacitor Selection and
Regulator Stability
For load currents up to 150mA, use a single 2.2µF
capacitor to bypass both inputs of the MAX8559 and a
2.2µF capacitor to bypass each output. Larger input-
capacitor values and lower ESRs provide better supply-
noise rejection and line-transient response. To reduce
output noise and improve load-transient voltage dips,
use larger output capacitors up to 10µF. For stable oper-
ation over the full temperature range with load currents
up to 300mA, input and output capacitors should be a
minimum of 4.7µF.
Note that some ceramic dielectrics exhibit large capaci-
tance and ESR variation with temperature. With
dielectrics such as Z5U and Y5V, it may be necessary to
use 4.7µF or more for up to 150mA load current to
ensure stability at temperatures below -10°C. With X7R
or X5R dielectrics, 2.2µF is sufficient at all operating tem-
peratures. These regulators are optimized for ceramic
capacitors. Tantalum capacitors are not recommended.
Use a 0.01µF bypass capacitor at BP for low-output volt-
age noise. Increasing the capacitance slightly decreas-
es the output noise, but increases the startup time.
PSRR and Operation from Sources Other
than Batteries
The MAX8559 is designed to deliver low-dropout volt-
ages and low quiescent currents in battery-powered
systems. Power-supply rejection ratio is 70dB at 10kHz
(see Power-Supply Rejection Ratio vs. Frequency in
the Typical Operating Characteristics). When operat-
ing from sources other than batteries, improved sup-
ply-noise rejection and transient response is achieved
by increasing the values of the input and output
bypass capacitors and through passive RC or CRC fil-
tering techniques.
Dual, 300mA, Low-Noise Linear Regulator
with Independent Shutdown in UCSP or TDFN
_______________________________________________________________________________________
7


Similar Part No. - MAX8559ETA2G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8559ETAXY+T MAXIM-MAX8559ETAXY+T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
MAX8559ETAXY-T MAXIM-MAX8559ETAXY-T Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
More results

Similar Description - MAX8559ETA2G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8559 MAXIM-MAX8559_V01 Datasheet
245Kb / 12P
   Dual, 300mA, Low-Noise Linear Regulator with Independent Shutdown in UCSP or TDFN
2005
logo
Eutech Microelectronics...
EUP7559 EUTECH-EUP7559 Datasheet
588Kb / 10P
   Low Noise Dual 300mA LDO with Independent Shutdown
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Maxim Integrated Produc...
MAX8530 MAXIM-MAX8530_05 Datasheet
255Kb / 12P
   Dual Low-Dropout Linear Regulators with RESET or Low-Noise Output in UCSP or QFN
Rev 1; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com