Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC56F8122 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC56F8122
Description  16-bit Hybrid Controllers
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC56F8122 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC56F8122 Datasheet HTML 6Page - Motorola, Inc MC56F8122 Datasheet HTML 7Page - Motorola, Inc MC56F8122 Datasheet HTML 8Page - Motorola, Inc MC56F8122 Datasheet HTML 9Page - Motorola, Inc MC56F8122 Datasheet HTML 10Page - Motorola, Inc MC56F8122 Datasheet HTML 11Page - Motorola, Inc MC56F8122 Datasheet HTML 12Page - Motorola, Inc MC56F8122 Datasheet HTML 13Page - Motorola, Inc MC56F8122 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 136 page
background image
56F8322 Techncial Data, Rev. 10.0
10
Freescale Semiconductor
Preliminary
Figure 1-1 System Bus Interfaces
Note:
Flash memories are encapsulated within the Flash Memory Module (FM). Flash control is
accomplished by the I/O to the FM over the peripheral bus, while reads and writes are completed
between the core and the Flash memories.
Note:
The primary data RAM port is 32 bits wide. Other data ports are
16 bits.
56800E
Program
Flash
Program
RAM
Data RAM
Data
Flash
IPBus
Bridge
Boot
Flash
Flash
Memory
Module
CHIP
TAP
Controller
TAP
Linking
Module
4
Not available on the 56F8122 device.
JTAG / EOnCE
pdb_m[15:0]
pab[20:0]
cdbw[31:0]
xab1[23:0]
xab2[23:0]
xdb2_m[15:0]
cdbr_m[31:0]
IPBus
To Flash
Control Logic
External
JTAG Port


Similar Part No. - MC56F8122

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F8122 FREESCALE-MC56F8122 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
MC56F8122VFA FREESCALE-MC56F8122VFA Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
MC56F8122VFAE FREESCALE-MC56F8122VFAE Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
More results

Similar Description - MC56F8122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
56F8355 FREESCALE-56F8355 Datasheet
2Mb / 164P
   16-bit Hybrid Controllers
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com