Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0222C1H4R3BA03L Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # GRM0222C1H4R3BA03L
Description  Chip Monolithic Ceramic Capacitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0222C1H4R3BA03L Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM0222C1H4R3BA03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0222C1H4R3BA03L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage
which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage,
V
P-P or VO-P, whichever is larger, should be maintained
within the rated voltage range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Within the specified dimensions.
Using calipers. (GRM02 size is based on Microscope)
4
Voltage proof
No defects or abnormalities.
Measurement Point
: Between the terminations
Test Voltage
: 300% of the rated voltage
(Temperature compensating type)
Applied Time
: 1s to 5 s
Charge/discharge current : 50mA max.
5
Insulation Resistance(I.R.)
C≦
0.047µF:More than 10000MΩ
Measurement Point    : Between the terminations
C>
0.047µF:More than 500Ω·F
Measurement Voltage :
DC Rated Voltage
C:Nominal Capacitance
Charging Time
: 1 min
Charge/discharge current : 50mA max.
Measurement Temperature : Room Temperature
6
Capacitance
Shown in Rated value.
Measurement Temperature : Room Temperature
(1)Temperature Compensating Type
7
Q or Dissipation Factor (D.F.)
30pF and over:Q≧1000
30pF and below:Q≧400+20C
C:Nominal Capacitance(pF)
8
Temperature
Nominal values of the temperature coefficient is shown in Rated value. The capacitance change should be measured after 5 min
Characteristics
at each specified temp. stage.
of Capacitance
But,the Capacitance Change under 20℃ is shown in Table A.
In case of applying voltage, the capacitance change should be
measured after 1 min with applying voltage in equilibration of
Capacitance Drift
each temp. stage.
Within +/-0.2% or +/-0.05pF
Capacitance value as a reference is the value in step 3.
(Whichever is larger.)
The capacitance drift is calculated by dividing the differences
between the maximum and minimum measured values in the
step 1,3 and 5 by the cap. value in step 3.
9
Adhesive Strength
No removal of the terminations or other defect
Solder the capacitor on the test substrate shown in Fig.3.
of Termination
should occur.
Holding Time
: 10+/-1s
Applied Direction : In parallel with the test substrate and vertical with
the capacitor side.
Test Method
(Ref. Standard:JIS C 5101, IEC60384)
Specification
■ Specifications and Test Methods
No
Item
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
Step
Temperature(
C)
1
Reference Temp.+/-2
2
Min. Operating Temp.+/-3
3
Reference Temp.+/-2
4
Max. Operating Temp.+/-3
5
Reference Temp.+/-2
Capacitance
Frequency
Voltage
C≦1000pF
1.0+/-0.1MHz
0.5 to 5.0Vrms
C>1000pF
1.0+/-0.1kHz
1.0+/-0.2Vrms
JEMCGS-04590A
2


Similar Part No. - GRM0222C1H4R3BA03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R3BA03 MURATA1-GRM0222C1H4R3BA03 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
Oct.22,2021
GRM0222C1H4R3BA03 MURATA1-GRM0222C1H4R3BA03 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
GRM0222C1H4R3BA03 MURATA1-GRM0222C1H4R3BA03_V01 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
Oct.22,2021
More results

Similar Description - GRM0222C1H4R3BA03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com