Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0222C1H5R2BA03L Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # GRM0222C1H5R2BA03L
Description  Chip Monolithic Ceramic Capacitor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0222C1H5R2BA03L Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  GRM0222C1H5R2BA03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0222C1H5R2BA03L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Substrate Bending test
・Test substrate
Material
: Copper-clad laminated sheets for PCBs
(Glass fabric base, epoxy resin)
Thickness : 1.6mm (GRM02/GRM03/GRM15: t:0.8mm)
Copper foil thickness : 0.035mm
           : Solder resist
(Coat with heat resistant resin for solder)
Fig.1
(in mm)
・Test substrate
Kind of Solder : Sn-3.0Ag-0.5Cu
・Test substrate
Pressurization method
Fig.2
(in mm)
Adhesive Strength of Termination, Vibration, Temperature Sudden Change, Resistance to Soldering Heat (Reflow method)
High Temperature High Humidity(Steady) , Durability
・Test substrate
Material
: Copper-clad laminated sheets for PCBs
(Glass fabric base, epoxy resin)
Thickness : 1.6mm or 0.8mm
Copper foil thickness : 0.035mm
・Test substrate
Kind of Solder : Sn-3.0Ag-0.5Cu
・Test substrate
Land Dimensions
Fig.3
Type
Applied Force(N)
GRM02
1
GRM03
2
GRM15/GRM18
5
GRM21/GRM31/GRM32
10
*2
4.0±0.1
0.05以下
*1
φ1.5 +0.1
-0
t
*1,2:2.0±0.05
100
a
b
Land
f4.5
Type
Dimension (mm)
a
b
c
GRM02
0.2
0.56
0.23
GRM03
0.3
0.9
0.3
GRM15
0.4
1.5
0.5
GRM18
1.0
3.0
1.2
GRM21
1.2
4.0
1.65
GRM31
2.2
5.0
2.0
GRM32
2.2
5.0
2.9
Type
Dimension (mm)
a
b
c
GRM02
0.2
0.56
0.23
GRM03
0.3
0.9
0.3
GRM15
0.4
1.5
0.5
GRM18
1.0
3.0
1.2
GRM21
1.2
4.0
1.65
GRM31
2.2
5.0
2.0
GRM32
2.2
5.0
2.9
b
a
Solder Resist
Chip Capacitor
Land
45
45
Flexure:≦1
Capacitance meter
Pressurization
speed
1.0mm/s
Support
Capacitor
Pressurize
45
45
R5
20
50 min.
JEMCGS-04590A
5


Similar Part No. - GRM0222C1H5R2BA03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H5R2BA03 MURATA1-GRM0222C1H5R2BA03 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
Oct.22,2021
GRM0222C1H5R2BA03 MURATA1-GRM0222C1H5R2BA03 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
GRM0222C1H5R2BA03 MURATA1-GRM0222C1H5R2BA03_V01 Datasheet
1Mb / 31P
   Chip Multilayer Ceramic Capacitors for General Purpose
Oct.22,2021
More results

Similar Description - GRM0222C1H5R2BA03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0222C1H4R5BA03 MURATA-GRM0222C1H4R5BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8WA03 MURATA-GRM0222C1H4R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R1DA03 MURATA-GRM0222C1H5R1DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H5R2DA03 MURATA-GRM0222C1H5R2DA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R1BA03 MURATA-GRM0222C1H4R1BA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R8CA03 MURATA-GRM0222C1H4R8CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GNM314R71H104MA11 MURATA-GNM314R71H104MA11 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM2145C1H470KD01 MURATA-GNM2145C1H470KD01 Datasheet
605Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GNM1M25C1H220KD01 MURATA-GNM1M25C1H220KD01 Datasheet
602Kb / 24P
   CHIP MONOLITHIC CERAMIC CAPACITOR
GRM0222C1H4R1WA03 MURATA-GRM0222C1H4R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
GRM0222C1H4R3CA03 MURATA-GRM0222C1H4R3CA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com