Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAI-29052-AXA-JD-B1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KAI-29052-AXA-JD-B1
Description  Interline CCD Image Sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-29052-AXA-JD-B1 Datasheet(HTML) 4 Page - ON Semiconductor

  KAI-29052-AXA-JD-B1 Datasheet HTML 1Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 2Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 3Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 4Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 5Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 6Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 7Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 8Page - ON Semiconductor KAI-29052-AXA-JD-B1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
KAI−29052
www.onsemi.com
4
Bayer Color Filter Pattern
Figure 3. Bayer Color Filter Pattern
22 Dark
22
V1B
12 Buffer
12
12
22
FLD
FLD
3288
3288
3288
3288
(Last VCCD Phase
= V1
à H1S)
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H2SLc
OGc
H2SLd
OGd
H2SLb
OGb
ESD
ESD
822 10 1
12
8
22
10
1
12
8
22
10
1
12
822 10 1
12
22 12
DevID
BG
G R
BG
G R
BG
G R
BG
G R
6576 (H) y 4384 (V)
5.5 mm y 5.5 mm Pixels
Sparse Color Filter Pattern
Figure 4. Sparse Color Filter Pattern
22 Dark
22
V1B
12 Buffer
12
12
22
FLD
FLD
3288
3288
3288
3288
(Last VCCD Phase
= V1 à H1S)
V2B
V3B
V4B
V1T
V2T
V3T
V4T
RDa
Ra
VDDa
VOUTa
GND
RDc
Rc
VDDc
VOUTc
GND
RDd
Rd
VDDd
VOUTd
GND
RDb
Rb
VDDb
VOUTb
GND
V1B
V2B
V3B
V4B
V1T
V2T
V3T
V4T
H2SLa
OGa
H 2SLc
OGc
H 2SLd
OGd
H 2SLb
OGb
ESD
ESD
822 10 1
12
8
22
10
1
12
8
22
10
1
12
822 10 1
12
22
12
DevID
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
P B
G
R
P
B P
P
G
G
G
P
P
P R P
6576 (H) y 4384 (V)
5.5 mm y 5.5 mm Pixels


Similar Part No. - KAI-29052-AXA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-29050 ONSEMI-KAI-29050 Datasheet
961Kb / 33P
   Interline CCD Image Sensor
April, 2015 ??Rev. 8
KAI-29050 ONSEMI-KAI-29050 Datasheet
845Kb / 33P
   Interline CCD Image Sensor
September, 2016 ??Rev. 9
KAI-29050 ONSEMI-KAI-29050 Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
KAI-29050-AAA-JP-AE ONSEMI-KAI-29050-AAA-JP-AE Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
KAI-29050-AAA-JP-B1 ONSEMI-KAI-29050-AAA-JP-B1 Datasheet
2Mb / 34P
   6576 (H) x 4384 (V) Interline CCD Image Sensor
July, 2018 ??Rev. 10
More results

Similar Description - KAI-29052-AXA-JD-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com