Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33094 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MC33094
Description  IGNITION CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33094 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MC33094 Datasheet HTML 4Page - Motorola, Inc MC33094 Datasheet HTML 5Page - Motorola, Inc MC33094 Datasheet HTML 6Page - Motorola, Inc MC33094 Datasheet HTML 7Page - Motorola, Inc MC33094 Datasheet HTML 8Page - Motorola, Inc MC33094 Datasheet HTML 9Page - Motorola, Inc MC33094 Datasheet HTML 10Page - Motorola, Inc MC33094 Datasheet HTML 11Page - Motorola, Inc MC33094 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC33094
8
MOTOROLA ANALOG IC DEVICE DATA
14
14.2
14.4
14.6
14.8
15
15.2
VO = 0 V
ICL = 10 mA
Figure 7. Output Clamp Voltage
versus Temperature
25
30
35
40
45
50
Figure 8. Output Clamp Dynamic Impedance
versus Temperature
VO = 0 V
ICL = 12 mA
∆ICL = 2.0 mA
ZCL = ∆VCL/∆ICL
-50
0
50
100
150
T, TEMPERATURE (°C)
-50
0
50
100
150
T, TEMPERATURE (°C)
8.1
8.2
8.3
8.4
8.5
8.6
8.7
Figure 9. Supply Drain Current
versus Temperature
Vin(-) = 0 V
VCC = 6.0 V
VD = 3.0 V
-50
0
50
100
150
T, TEMPERATURE (°C)
Block Diagram Description (Figure 10)
The Band–Gap Reference generates a nominal 1.2 V
having very good stability with temperature variations. The
Band–Gap Reference conceptually provides a low
temperature drift voltage by summing a strongly negative
Temperature Coefficient (TC) voltage with an equally strong
positive TC voltage. The negative TC voltage element is a
result of a transistor emitter–to–base voltage while the
positive TC voltage is developed as a result of a positive TC
current imposed across a resistor. The positive TC current
relies on the matching of currents in different sizes of
transistors. The result is a very stable reference voltage
independent of temperature variations. The Band–Gap
Reference voltage provides a thermally stable voltage
reference for critically sensitive circuits within the IC. It also
sets the master bias current for all precision currents on the IC.
The Vr Zener Reference block contains a 6.75 V zener
regulator, which also exhibits a very low temperature
coefficient.
The VCC Comparator and Clamp block limits the VCC
voltage to one Vbe plus three zener drops in addition to
comparing the VCC voltage to 15 and 22 V. When the VCC
voltage is greater than either of these two values, the IC
changes the adaptive capacitor discharge rate and when
above 22 V the IC forces the coil current to shutdown. The
minimum VCC value the IC will operate at is 4.0 V and Vbat of
5.0 V. Below 7.5 V, the Vr reference is no longer maintained,
and the IC consumes excess power and excess voltage is
dropped in the external VCC resistor.
The Master Bias Current Reference block generates
precise currents used throughout the IC. The MB pin is held
at 1.2 V by a differential amplifier with feedback. Capacitive
loading on the MB pin reduces the effectiveness of the
internal dominant pole, and loading as modest as 200 pF
may cause the differential amplifier to oscillate.
The Input Voltage Comparator block requires an input
signal between ground and Vbat and detects the swing in the
input signal. The thresholds for the input comparator are
approximately 56.2% of Vbat for rising signals and 36% of
Vbat for falling signals. The input signal may come from a Hall
effect sensor or reluctor sensor on the distributor.
The Negative Edge Filter block is an inverting buffer for the
signal from the Input Voltage Comparator and has a time
constant of approximately 0.1
µs for rising edges and 500 µs
for falling edges.
The Adaptive Capacitor Charging and Sensing block
charges, discharges, and senses the adaptive capacitor
voltage. The adaptive capacitor has a single charge rate of
8.4
µA and two discharge rates. The 1.688 µA slow discharge
rate is used only during very high VCC operation and
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33094

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MC3309124-005-C ATGBICS-MC3309124-005-C Datasheet
170Kb / 3P
   MC3309124-005 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (5m, Passive)
MC3309124-007-C ATGBICS-MC3309124-007-C Datasheet
152Kb / 3P
   MC3309124-007 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (7m, Passive)
MC3309130-002-C ATGBICS-MC3309130-002-C Datasheet
152Kb / 3P
   MC3309130-002 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (2m, Passive)
MC3309130-003-C ATGBICS-MC3309130-003-C Datasheet
151Kb / 3P
   MC3309130-003 NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (3m, Passive)
MC3309130-00A-C ATGBICS-MC3309130-00A-C Datasheet
152Kb / 3P
   MC3309130-00A NVIDIA Mellanox Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (0.5m, Passive)
More results

Similar Description - MC33094

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
   IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com