Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN49597MNG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCN49597MNG
Description  Power Line Communication Modem
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN49597MNG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCN49597MNG Datasheet HTML 3Page - ON Semiconductor NCN49597MNG Datasheet HTML 4Page - ON Semiconductor NCN49597MNG Datasheet HTML 5Page - ON Semiconductor NCN49597MNG Datasheet HTML 6Page - ON Semiconductor NCN49597MNG Datasheet HTML 7Page - ON Semiconductor NCN49597MNG Datasheet HTML 8Page - ON Semiconductor NCN49597MNG Datasheet HTML 9Page - ON Semiconductor NCN49597MNG Datasheet HTML 10Page - ON Semiconductor NCN49597MNG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
NCN49597
www.onsemi.com
7
Table 5. ELECTRICAL CHARACTERISTICS
All parameters are valid for TJ = −40°C to 125°C, VDD = 3.3 V, fCLK = 48 MHz ± 50 ppm unless otherwise specified.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
INTERNAL VOLTAGE REGULATOR: PIN VDD1V8 (power supply and voltage reference)
VDD and VDDA current consumption
VDD18
1.62
1.80
1.98
V
During reception (Note 10)
IRX
40
60
mA
During transmission (Note 10)
ITX
40
60
mA
RESB = 0
IRESET
4
mA
OSCILLATOR: PIN XIN, XOUT (Note 11)
Duty cycle with quartz connected
35
65
%
Start−up time
Tstartup
15
ms
Load capacitance external crystal
CL
18
pF
Series resistance external crystal
RS
1
6
60
W
Maximum Capacitive load on XOUT
XIN used as clock input
CLXOUT
15
pF
Low input threshold voltage
XIN used as clock input
VILXOUT
0.3
VDD18
V
High input threshold voltage
XIN used as clock input
VIHXOUT
0.7
VDD18
V
Low output voltage
XIN used as clock input,
XOUT = 2 mA
VOLXOUT
0.3
V
High input voltage
XIN used as clock input
VOHXOUT
VDD18
0.3
V
Rise and fall time on XIN
XIN used as clock input
trXIN_EXT
1.5
ns
ZERO CROSSING DETECTOR AND 50/60 HZ PLL: PIN ZC_IN
Mains voltage input range
With protection resistor at ZC_IN
(Note 12)
VMAINS
90
550
VPK
Rising threshold level
VIRZC_IN
1.9
V
Falling threshold level
VIFZC_IN
0.85
V
Hysteresis
VHYZC_IN
0.4
V
Lock range (Note 13)
R_CONF[0] = 0 (50 Hz)
Flock50Hz
45
55
Hz
R_CONF[0] = 1 (60 Hz)
Flock60Hz
54
66
Hz
Lock time (Note 13)
R_CONF[0] = 0 (50 Hz)
Tlock50Hz
15
s
R_CONF[0] = 1 (60 Hz)
Tlock60Hz
20
s
Frequency variation without going out of
lock (Note 13)
R_CONF[0] = 0 (50 Hz)
DF60Hz
0.1
Hz/s
Frequency variation without going out of
lock (Note 13)
R_CONF[0] = 1 (60 Hz)
DF50Hz
0.1
Hz/s
Jitter of CHIP_CLK (Note 13)
JitterCHIP_CLK
25
ms
10. With typical firmware. The exact value depends on the firmware variant loaded and the firmware configuration.
11. In production the actual oscillation of the oscillator and duty cycle will not be tested. The production test will be based on the static parame-
ters and the inversion from XIN to XOUT in order to guarantee the functionality of the oscillator.
12. This parameter is not tested in production.
13. These parameters will not be measured in production as the performance is determined by a digital circuit. Correct operation of this circuit
will be guaranteed by the digital test patterns.


Similar Part No. - NCN49597MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
More results

Similar Description - NCN49597MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN49597MNG ONSEMI-NCN49597MNG Datasheet
293Kb / 29P
   Power Line Communication Modem
May, 2014 ??Rev. 1
NCN49599 ONSEMI-NCN49599_17 Datasheet
437Kb / 35P
   Power Line Communication Modem
January, 2017 ??Rev. P5
NCN49599 ONSEMI-NCN49599_15 Datasheet
451Kb / 35P
   Power Line Communication Modem
August, 2015 ??Rev. P3
logo
Microchip Technology
ATPL360 MICROCHIP-ATPL360 Datasheet
297Kb / 2P
   Multi-Protocol Modem for Power Line Communication
8/17
logo
STMicroelectronics
ST8500 STMICROELECTRONICS-ST8500 Datasheet
1Mb / 37P
   Programmable power line communication modem System on Chip
June 2018 Rev 3
logo
Maxim Integrated Produc...
MAX2990 MAXIM-MAX2990 Datasheet
247Kb / 2P
   10kHz to 490kHz OFDM-Based Power Line Communication Modem
Rev 0; 4/08
logo
STMicroelectronics
ST7536 STMICROELECTRONICS-ST7536 Datasheet
100Kb / 9P
   POWER LINE MODEM
November 1998
logo
NXP Semiconductors
NE5050 PHILIPS-NE5050 Datasheet
656Kb / 6P
   Power line modem
April 15 1992
logo
ON Semiconductor
NCN49597 ONSEMI-NCN49597 Datasheet
392Kb / 28P
   Power Line Carrier Modem
December, 2011 ??Rev. P0
AMIS-49587_P2 ONSEMI-AMIS-49587_P2 Datasheet
730Kb / 55P
   Power Line Carrier Modem
December, 2009 -- Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com