Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP781 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP781
Description  150 V, 100mA Very High Voltage Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP781 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP781 Datasheet HTML 6Page - ON Semiconductor NCP781 Datasheet HTML 7Page - ON Semiconductor NCP781 Datasheet HTML 8Page - ON Semiconductor NCP781 Datasheet HTML 9Page - ON Semiconductor NCP781 Datasheet HTML 10Page - ON Semiconductor NCP781 Datasheet HTML 11Page - ON Semiconductor NCP781 Datasheet HTML 12Page - ON Semiconductor NCP781 Datasheet HTML 13Page - ON Semiconductor NCP781 Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NCP781
www.onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 16. Output Voltage Noise Spectral
Density at NCP781BMN050TAG
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0
2
4
6
8
10
12
Figure 17. Output Voltage Noise Spectral
Density at NCP781BMN150TAG
Figure 18. Output Voltage Noise Spectral
Density at NCP781BMNADJTAG
FREQUENCY (kHz)
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
0
10
20
30
40
50
1000
100
10
1
0.1
0.01
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
CIN = COUT = 1 mF
VIN = 150 V
VOUT(nom) = 15.0 V
IOUT = 1 mA
TA = 25°C
CIN = COUT = 1 mF
VIN = 150 V
VOUT(nom) = 1.23 V
IOUT = 1 mA
TA = 25°C
CIN = COUT = 1 mF
VIN = 150 V
VOUT(nom) = 5.0 V
IOUT = 1 mA
TA = 25°C
Figure 19. PSRR vs. Frequency at
NCP781BMN033TAG
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
30
40
50
60
70
80
90
VIN = 25 V + 200 mVpp modulation
VOUT(nom) = 3.3 V
COUT = 1 mF MLCC
TA = 25°C
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
Figure 20. PSRR vs. Frequency at
NCP781BMN050TAG
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
30
40
50
60
70
80
90
VIN = 25 V + 200 mVpp modulation
VOUT(nom) = 5.0 V
COUT = 1 mF MLCC
TA = 25°C
IOUT = 1 mA
IOUT = 10 mA
IOUT = 50 mA
Figure 21. PSRR vs. Frequency at
NCP781BMN150TAG
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
40
45
50
55
60
65
70
VIN = 25 V + 200 mVpp modulation
VOUT(nom) = 15.0 V
COUT = 1 mF MLCC
TA = 25°C


Similar Part No. - NCP781

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP7812ETG ONSEMI-NCP7812ETG Datasheet
98Kb / 10P
   Positive Voltage Regulators
December, 2014 ??Rev. P0
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
NCP7815TG ONSEMI-NCP7815TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com