Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP781 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP781
Description  150 V, 100mA Very High Voltage Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP781 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP781 Datasheet HTML 1Page - ON Semiconductor NCP781 Datasheet HTML 2Page - ON Semiconductor NCP781 Datasheet HTML 3Page - ON Semiconductor NCP781 Datasheet HTML 4Page - ON Semiconductor NCP781 Datasheet HTML 5Page - ON Semiconductor NCP781 Datasheet HTML 6Page - ON Semiconductor NCP781 Datasheet HTML 7Page - ON Semiconductor NCP781 Datasheet HTML 8Page - ON Semiconductor NCP781 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NCP781
www.onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS − Adjustable −40
°C ≤ TJ ≤ 125°C; VIN = Voutnom + 10 V, CIN = COUT = 1 mF, unless
otherwise noted. Typical values are at TA = +25°C. (Notes 8, 9)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
INPUT REGULATOR
Operating Input Voltage
VIN
6
150
V
OUTPUT REGULATOR
Reference Voltage Accuracy
−40
°C ≤ TJ ≤125°C, IOUT = 50 mA
6 V
≤ VIN ≤ 150 V
−3%
1.23 V
+3%
%
Reference Voltage Accuracy
TJ = 25°C, IOUT = 50 mA
6 V
≤ VIN ≤ 150 V
−2.5%
1.23 V
+2.5%
%
Line Regulation
15 V
≤ VIN ≤ 150 V
IOUT = 50 mA
Regline
0.25
0.5
%Vout
Load Regulation
Regload
0.4
0.8
%Vout
Dropout Voltage (Note 10)
3.3 V
5.0 V
12.0 V
15.0 V
VDO = VIN − (VOUT − (3%Voutnom))
IOUT = 100 mA
VDO
4
4
4.4
4.7
6.5
7.0
7.5
9.5
V
DISABLE, QUIESCENT AND GROUND CURRENTS
Disable Current
VEN = 0 V, VIN = 150 V
IDIS
1
10
mA
Quiescent Current
IOUT = 0 mA
IQ
25
55
mA
Ground Current
IOUT = 100 mA
IGND
250
400
mA
Enable Pin Current
1.5 V < VEN < 150 V
IEN
500
nA
ADJ Pin Current
6 V < VIN < 150 V, ADJ = VOUT
IADJ
5
nA
CURRENT LIMIT PROTECTION
Current Limit (Note 11)
VOUT = VOUTNOM – (10% VOUTNOM)
ILIM
110
mA
Short Circuit Current Limit
VOUT = 0 V, Vin = 25 V
ISC
220
mA
ENABLE THRESHOLDS
Enable Input Threshold Voltage
Voltage Increasing, Logic High
Voltage Decreasing, Logic Low
High
Low
VTH(EN)
1.5
0.4
V
PSRR AND NOISE
Power Supply Ripple Rejection (Note 12)
VIN = 25 V + 200 mVpp modulation
VOUT = 1.23 V, Cout = 1.0 mF
IOUT = 10 mA
f = 1 kHz
f = 10 kHz
f = 100 kHz
PSRR
83
75
56
dB
Output Noise Voltage (Note 12)
Vout = 1.23 V, Vin = 150 V
IOUT = 1 mA, Cout = 1.0 mF
f = 100 Hz to 100 kHz
VNOISE
130
mVrms
THERMAL SHUTDOWN
Thermal Shutdown Temperature (Note 12)
TSD
160
°C
Thermal Shutdown Hysteresis (Note 12)
TSH
15
°C
8. Performance guaranteed over the indicated operating temperature range by design and characterization production tested at Tj = Ta = 25
°C.
Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
9. IOUT > 50 mA at VIN > 50 V
10. Not characterized at VOUTNOM < 3.3 V.
11. Respect to SOA
12. Guaranteed by design and characterization


Similar Part No. - NCP781

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP7812ETG ONSEMI-NCP7812ETG Datasheet
98Kb / 10P
   Positive Voltage Regulators
December, 2014 ??Rev. P0
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
NCP7815TG ONSEMI-NCP7815TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com