Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP148AFCT260T2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP148AFCT260T2G
Description  Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP148AFCT260T2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP148AFCT260T2G Datasheet HTML 3Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 4Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 5Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 6Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 7Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 8Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 9Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 10Page - ON Semiconductor NCP148AFCT260T2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NCP148
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 21. Output Voltage Noise Spectral Density − VOUT = 1.8 V
Figure 22. Output Voltage Noise Spectral Density − VOUT = 2.8 V
FREQUENCY (kHz)
1M
100K
10K
1K
100
10
1
10
100
1K
10K
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF MLCC (1206)
COUT = 1 mF MLCC (1206)
FREQUENCY (kHz)
1000
100
10
1
0.1
0.01
1
10
100
1K
10K
1 mA
14.62
14.10
10 mA
11.12
10.48
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF MLCC (1206)
COUT = 1 mF MLCC (1206)
250 mA
10.37
9.82
450 mA
10.22
9.62
1 mA
16.90
15.79
10 mA
12.64
11.13
10 Hz − 100 kHz
100 Hz − 100 kHz
RMS Output Noise (
mV)
IOUT
250 mA
11.96
10.64
450 mA
11.50
10.40
IOUT = 250 mA
IOUT = 10 mA
IOUT = 450 mA
IOUT = 1 mA
IOUT = 250 mA
IOUT = 10 mA
IOUT = 450 mA
IOUT = 1 mA
Figure 23. PSRR for Various Output Currents,
VOUT = 1.8 V
Figure 24. PSRR for Various Output Currents,
VOUT = 2.8 V
FREQUENCY (kHz)
FREQUENCY (kHz)
10000
1000
100
10
1
0.1
0.01
0
40
60
80
120
10000
1000
100
10
1
0.1
0.01
0
40
80
100
120
VIN = 2.3 V+100mVpp
VOUT = 1.8 V
COUT = 1 mF MLCC 1206
IOUT = 100 mA
IOUT = 250 mA
IOUT = 10 mA
IOUT = 20 mA
100
20
VIN = 3.8 V+100mVpp
VOUT = 2.8 V
COUT = 1 mF MLCC 1206
60
20
IOUT = 450 mA
IOUT = 100 mA
IOUT = 250 mA
IOUT = 10 mA
IOUT = 20 mA
IOUT = 450 mA


Similar Part No. - NCP148AFCT260T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP148AFCT260T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com