Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP148AFCT270T2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP148AFCT270T2G
Description  Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP148AFCT270T2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP148AFCT270T2G Datasheet HTML 1Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 2Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 3Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 4Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 5Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 6Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 7Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 8Page - ON Semiconductor NCP148AFCT270T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCP148
www.onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 9. Ground Current vs. Load Current −
VOUT = 1.8 V
Figure 10. Ground Current vs. Load Current −
VOUT = 2.7 V
TJ, JUNCTION TEMPERATURE (°C)
400
350
300
250
150
100
50
0
0.0
0.2
0.6
0.8
1.2
1.4
Figure 11. Dropout Voltage vs. Load Current −
VOUT = 1.8 V
Figure 12. Dropout Voltage vs. Load Current −
VOUT = 2.8 V
Figure 13. Dropout Voltage vs. Temperature −
VOUT = 1.8 V
Figure 14. Dropout Voltage vs. Temperature −
VOUT = 2.8 V
IOUT, OUTPUT CURRENT (mA)
IOUT, OUTPUT CURRENT (mA)
450
350
300
250
150
100
50
0
0
50
150
200
300
350
200
0.4
1.0
1.6
VIN = 2.8 V
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
200
100
250
400
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
450
TJ = 125°C
TJ = 25°C
TJ = −40°C
TJ = 125°C
TJ = 25°C
TJ = −40°C
400
TJ, JUNCTION TEMPERATURE (°C)
120
80
60
40
20
0
−20
−40
0
40
120
160
240
280
360
400
VOUT = 1.8 V
CIN = 1 mF
COUT = 1 mF
IOUT = 450 mA
IOUT = 0 mA
100
140
80
200
320
VOUT = 2.8V
CIN = 1 mF
COUT = 1 mF
TJ, JUNCTION TEMPERATURE (°C)
400
350
300
250
150
100
50
0
0.0
0.2
0.6
0.8
1.2
1.4
200
0.4
1.0
1.6
VIN = 3.7 V
VOUT = 2.7 V
CIN = 1 mF
COUT = 1 mF
450
TJ = 125°C
TJ = 25°C
TJ = −40°C
450
350
300
250
150
100
50
0
0
30
90
120
180
210
200
60
150
240
TJ = 125°C
TJ = 25°C
TJ = −40°C
400
VOUT = 3.3 V
CIN = 1 mF
COUT = 1 mF
120
80
60
40
20
0
−20
−40
0
30
90
120
180
210
IOUT = 450 mA
IOUT = 0 mA
100
140
60
150
240


Similar Part No. - NCP148AFCT270T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP148AFCT270T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com