Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV7429 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV7429
Description  System Basis Chip
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7429 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV7429 Datasheet HTML 5Page - ON Semiconductor NCV7429 Datasheet HTML 6Page - ON Semiconductor NCV7429 Datasheet HTML 7Page - ON Semiconductor NCV7429 Datasheet HTML 8Page - ON Semiconductor NCV7429 Datasheet HTML 9Page - ON Semiconductor NCV7429 Datasheet HTML 10Page - ON Semiconductor NCV7429 Datasheet HTML 11Page - ON Semiconductor NCV7429 Datasheet HTML 12Page - ON Semiconductor NCV7429 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
NCV7429
www.onsemi.com
9
Table 5. ELECTRICAL CHARACTERISTICS (continued)
(6 V
≤ Vs ≤ 18 V, 6 V ≤ Vs_out ≤ 18 V, −40°C ≤ Tj ≤ 150°C; unless otherwise specified)
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
MODE TRANSITION TIMING
Tdel_powerup
Transition Time from Power-up to
Init
VS reaching VS_PORH to VR1
startup
15
ms
Tdel_norm_stdby
Transition Time from Normal/Flash
to Standby Mode via SPI
CSN going high to Standby mode
entry (Note 9)
10
ms
Tdel_norm_sleep
Transition Time from Normal/Flash
to Sleep Mode via SPI
CSN going high to Sleep mode
entry (Note 9)
10
ms
Tdel_stdby_norm
Delay of INTN Pulse in Standby af-
ter Wakeup
10
ms
Tdel_sleep_init
Transition from Sleep to Init Mode
via Wakeup
10
ms
NRES AND INTN SIGNAL TIMING
T_NRES
NRES Low Pulse Duration,
e.g. after a Watchdog Failure or
VR1 Undervoltage
1.7
2
2.3
ms
T_INTN
INTN Low Pulse Duration
after Wake-up Event
106
125
144
ms
DRIVER TIMING
Tdel_OUT1−3_on
Activation Delay of OUT1−3 Driver
(from CSN rising edge)
VS_OUT = 13.2 V;
V(OUT1−3) > 0.5·VS_OUT
12
40
ms
Tdel_OUT1−3_off
De-activation Delay of OUT1−3
Driver (from CSN rising edge)
VS_OUT = 13.2 V;
V(OUT1−3) < 0.5·VS_OUT
20
55
ms
Tdel_LS1/2_on
Activation Delay of LS1/2 Driver
(from CSN rising edge)
VS_OUT = 13.2 V;
V(LS1/2) < 0.5·VS_OUT
17
42
85
ms
Tdel_LS1/2_off
De-activation Delay of LS1/2 Driver
(from CSN rising edge)
VS_OUT = 13.2 V;
V(LS1/2) > 0.5·VS_OUT
17
32
62
ms
INTERNAL PWM FOR DRIVERS CONTROL
f_PWM_lo
PWM Controller Frequency,
Low Setting
FSEL_OUTx/LSx = 0
127
150
173
Hz
f_PWM_hi
PWM Controller Frequency,
High Setting
FSEL_OUTx/LSx = 1
170
200
230
Hz
TIMER1/2 TIMING
Ttim_acc
Timer1/2 Period/On-time Accuracy
(see CONTROL_2 register settings)
T1_TPER.[2:0], T1_TON,
T2_TPER.[2:0], T2_TON.[1:0]
−15
+15
%
9. Delays and slopes of LS1/2 drivers not included.


Similar Part No. - NCV7429

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7420 ONSEMI-NCV7420 Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
262Kb / 21P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
April, 2012 ??Rev. 7
NCV7420D23G ONSEMI-NCV7420D23G Datasheet
238Kb / 20P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
May, 2015 ??Rev. 9
NCV7420D23R2G ONSEMI-NCV7420D23R2G Datasheet
235Kb / 16P
   LIN Transceiver with 3.3V or 5 V Voltage Regulator
March, 2009 ??Rev. 1
More results

Similar Description - NCV7429

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9261BQXV33 INFINEON-TLE9261BQXV33 Datasheet
5Mb / 163P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9261-3BQXV33 INFINEON-TLE9261-3BQXV33 Datasheet
6Mb / 201P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9262BQX INFINEON-TLE9262BQX Datasheet
5Mb / 174P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE6266G INFINEON-TLE6266G Datasheet
1Mb / 50P
   System Basis Chip
Version 1.06 2002-11-26
TLE9261BQX INFINEON-TLE9261BQX Datasheet
5Mb / 162P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9263-3BQX INFINEON-TLE9263-3BQX Datasheet
6Mb / 214P
   System Basis Chip
Rev. 1.1 2019-09-27
TLE9262-3BQXV33 INFINEON-TLE9262-3BQXV33 Datasheet
6Mb / 214P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7428 ONSEMI-NCV7428 Datasheet
171Kb / 17P
   System Basis Chip
June, 2014 ??Rev. 1
logo
Infineon Technologies A...
TLE9263BQXV33 INFINEON-TLE9263BQXV33 Datasheet
5Mb / 176P
   System Basis Chip
Rev. 1.1 2019-09-27
logo
ON Semiconductor
NCV7471 ONSEMI-NCV7471 Datasheet
745Kb / 51P
   System Basis Chip
August, 2015 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com