Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP148AFCT280T2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP148AFCT280T2G
Description  Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP148AFCT280T2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP148AFCT280T2G Datasheet HTML 4Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 5Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 6Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 7Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 8Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 9Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 10Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 11Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCP148
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 25. Stability vs. ESR
Figure 26. Turn−on/off − slow rising VIN
Figure 27. Enable Turn−on Response −
COUT = 1 mF, IOUT = 10 mA
Figure 28. Enable Turn−on Response −
COUT = 1 mF, IOUT = 450 mA
100
ms/div
100
ms/div
VEN
IINPUT
VOUT
VIN = 3.7 V
VOUT = 2.7 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
VEN
IINPUT
VOUT
Figure 29. Line Transient Response −
VOUT = 1.8 V
Figure 30. Line Transient Response −
VOUT = 2.8 V
VIN = 3.7 V
VOUT = 2.7 V
CIN = 1 mF (MLCC)
COUT = 1 mF (MLCC)
20
ms/div
20
ms/div
VOUT = 1.8 V, IOUT = 10 mA
CIN = 1 mF (MLCC), COUT = 1 mF (MLCC)
VIN
3.8 V
VOUT
2.8 V
VOUT = 2.8 V, IOUT = 10 mA
CIN = 1 mF (MLCC), COUT = 1 mF (MLCC)
4.8 V
3.8 V
VIN
VOUT
IOUT, OUTPUT CURRENT (mA)
400
350
300
250
150
100
50
0
0.1
100
200
450
1
Stable
Operation
10
Unstable
Operation
500
VIN
VOUT
4 ms/div


Similar Part No. - NCP148AFCT280T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP148AFCT280T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com