Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP148AFCT280T2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP148AFCT280T2G
Description  Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP148AFCT280T2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP148AFCT280T2G Datasheet HTML 4Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 5Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 6Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 7Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 8Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 9Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 10Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 11Page - ON Semiconductor NCP148AFCT280T2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCP148
www.onsemi.com
10
APPLICATIONS INFORMATION
General
The NCP148 is an ultra−low noise 450 mA low dropout
regulator designed to meet the requirements of RF
applications and high performance analog circuits. The
NCP148 device provides very high PSRR and excellent
dynamic response. In connection with low quiescent current
this device is well suitable for battery powered application
such as cell phones, tablets and other. The NCP148 is fully
protected in case of current overload, output short circuit and
overheating.
Input Capacitor Selection (CIN)
Input capacitor connected as close as possible is necessary
for ensure device stability. The X7R or X5R capacitor
should be used for reliable performance over temperature
range. The value of the input capacitor should be 1
mF or
greater to ensure the best dynamic performance. This
capacitor will provide a low impedance path for unwanted
AC signals or noise modulated onto constant input voltage.
There is no requirement for the ESR of the input capacitor
but it is recommended to use ceramic capacitors for their low
ESR and ESL. A good input capacitor will limit the
influence of input trace inductance and source resistance
during sudden load current changes.
Output Decoupling (COUT)
The NCP148 requires an output capacitor connected as
close as possible to the output pin of the regulator. The
recommended capacitor value is 1
mF and X7R or X5R
dielectric due to its low capacitance variations over the
specified temperature range. The NCP148 is designed to
remain stable with minimum effective capacitance of 0.7
mF
to account for changes with temperature, DC bias and
package size. Especially for small package size capacitors
such as 0201 the effective capacitance drops rapidly with the
applied DC bias. Please refer Figure 37.
Figure 37. Capacity vs DC Bias Voltage
There is no requirement for the minimum value of
Equivalent Series Resistance (ESR) for the COUT but the
maximum value of ESR should be less than 2
Ω. Larger
output capacitors and lower ESR could improve the load
transient response or high frequency PSRR. It is not
recommended to use tantalum capacitors on the output due
to their large ESR. The equivalent series resistance of
tantalum capacitors is also strongly dependent on the
temperature, increasing at low temperature.
Enable Operation
The NCP148 uses the EN pin to enable/disable its device
and to deactivate/activate the active discharge function.
If the EN pin voltage is <0.4 V the device is guaranteed to
be disabled. The pass transistor is turned−off so that there is
virtually no current flow between the IN and OUT. The
active discharge transistor is active so that the output voltage
VOUT is pulled to GND through a 280
Ω resistor. In the
disable state the device consumes as low as typ. 10 nA from
the VIN.
If the EN pin voltage >1.2 V the device is guaranteed to
be enabled. The NCP148 regulates the output voltage and
the active discharge transistor is turned−off.
The EN pin has internal pull−down current source with
typ. value of 200 nA which assures that the device is
turned−off when the EN pin is not connected. In the case
where the EN function isn’t required the EN should be tied
directly to IN. After device is enabled by EN pin soft start
feature ensure that maximal Vout slew rate will be slower
than 30 mV/
ms. The soft start function also protects powered
device before possible damage by large inrush current.
Output Current Limit
Output Current is internally limited within the IC to a
typical 700 mA. The NCP148 will source this amount of
current measured with a voltage drops on the 90% of the
nominal VOUT. If the Output Voltage is directly shorted to
ground (VOUT = 0 V), the short circuit protection will limit
the output current to 690 mA (typ). The current limit and
short circuit protection will work properly over whole
temperature range and also input voltage range. There is no
limitation for the short circuit duration.
Thermal Shutdown
When the die temperature exceeds the Thermal Shutdown
threshold (TSD
* 160°C typical), Thermal Shutdown event
is detected and the device is disabled. The IC will remain in
this state until the die temperature decreases below the
Thermal Shutdown Reset threshold (TSDU − 140
°C typical).
Once the IC temperature falls below the 140
°C the LDO is
enabled again. The thermal shutdown feature provides the
protection from a catastrophic device failure due to
accidental overheating. This protection is not intended to be
used as a substitute for proper heat sinking.
Power Dissipation
As power dissipated in the NCP148 increases, it might
become necessary to provide some thermal relief. The
maximum power dissipation supported by the device is
dependent upon board design and layout. Mounting pad


Similar Part No. - NCP148AFCT280T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
NCP1400A ONSEMI-NCP1400A Datasheet
154Kb / 16P
   100 mA, Fixed Frequency PWM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 11
NCP1400A ONSEMI-NCP1400A Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1400A ONSEMI-NCP1400A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1400A-D ONSEMI-NCP1400A-D Datasheet
138Kb / 16P
   100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
June, 2004 ??Rev. 9
More results

Similar Description - NCP148AFCT280T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
   LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
logo
Will Semiconductor Ltd.
WL2863D WILLSEMI-WL2863D Datasheet
823Kb / 10P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
WL2863E WILLSEMI-WL2863E Datasheet
900Kb / 13P
   Ultra-Low Noise, High PSRR LDO, 250mA Linear Regulator for RF and Analog Circuits
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com