Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCF5249PB Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCF5249PB
Description  system controller/decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCF5249PB Datasheet(HTML) 3 Page - Motorola, Inc

  MCF5249PB Datasheet HTML 1Page - Motorola, Inc MCF5249PB Datasheet HTML 2Page - Motorola, Inc MCF5249PB Datasheet HTML 3Page - Motorola, Inc MCF5249PB Datasheet HTML 4Page - Motorola, Inc MCF5249PB Datasheet HTML 5Page - Motorola, Inc MCF5249PB Datasheet HTML 6Page - Motorola, Inc MCF5249PB Datasheet HTML 7Page - Motorola, Inc MCF5249PB Datasheet HTML 8Page - Motorola, Inc MCF5249PB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MOTOROLA
MCF5249 Integrated ColdFire® Microprocessor Product Brief
3
MCF5249 Block Diagram
Figure 1. MCF5249 Block Diagram
Debug
Module w/
JTAG
ColdFire
V2 Core
(160 BGA
1
40 MHz)
(144 QFP
120 MHz)
Instruction
Cache
SRAM0
SRAM1
DMA
5x08
Arbiter
Timer
I2C
Dual
UART
5x08
Interrupt
S/DRAM
Interface
External
Bus
Translator
Clock
Multiplied
PLL
Interrupt
Controller
Audio
Interfaces
Standard ColdFire Peripheral Blocks
32K
64K
UART
Interface
I2C
Interface
Timer
Support
ADC
Flash Memory/
Card
Interface
MemoryStick/
Interface
Serial Audio
Interface
BufEn_b1
(S)DRAM
SRAM
MUX
IDE
SmartMedia
IDE
BufEn_b2
SWE
SRE
IDE-DIOR
IDE-DIOW
IDE-IORDY
ebuin3_adin0_gpi38
ebuin4_adin1_gpi39
rxd2_adin2_gpi28
cts2_adin3_gpi31
tout1_adout_gpi35
SecureDigital
QSPI
Interface
QSPI_Din
QSPI_Dout
QSPI_CS[3:0]
QSPI_CLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCF5249PB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5249 FREESCALE-MCF5249 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5249LAG120 FREESCALE-MCF5249LAG120 Datasheet
110Kb / 2P
   ColdFire Embedded Controllers
More results

Similar Description - MCF5249PB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCD212 MOTOROLA-MCD212 Datasheet
872Kb / 87P
   Video Decoder and System Controller(with JTAG)
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
logo
Motorola, Inc
MC1312P MOTOROLA-MC1312P Datasheet
387Kb / 12P
   CBS SQ LOGIC DECODER SYSTEM
logo
NXP Semiconductors
TEA5582 PHILIPS-TEA5582 Datasheet
97Kb / 12P
   PLL stereo decoder BTSC system
July 1990
logo
Toshiba Semiconductor
TC90104FG TOSHIBA-TC90104FG Datasheet
879Kb / 18P
   Multi System Video Decoder IC
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
   DECODER FOR REMOTE CONTROLLER
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com