Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDFN33-12 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # TDFN33-12
Description  Over-Voltage Protection Switch with OCP and BOVP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TDFN33-12 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  TDFN33-12 Datasheet HTML 1Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 2Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 3Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 4Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 5Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 6Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 7Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 8Page - Skyworks Solutions Inc. TDFN33-12 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AAT4685
Over-Voltage Protection Switch with OCP and BOVP
DATA SHEET
5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201960A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 16, 2012
1. The AAT4685 is guaranteed to meet performance specification over the -40 to 85°C operating temperature range and are assured by design, characterization and correlation
with statistical process controls.
Electrical Characteristics1
VIN = 5V, VBOVP = 4.2V, V/EN = 0V , ROCP = 30k , TA = -40°C to 85°C unless otherwise noted. Typical values are at TA
= 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
OVP Switch
RDS(ON)
On-Resistance
ROCP = 16.5k, IOUT = 1200mA
120
200
m
ID(OFF)
Switch Off-Leakage
EN = 5V
1
μA
Logic Control and Protection
VEN(L)
EN Input Low Voltage
0.4
V
VEN(H)
EN Input High Voltage
1.2
V
IEN(H)
EN Input Current
VEN = 5.0V, Internal Pulldown = 200k
25
μA
VFLT
FLT Output Low Voltage
IFLT = 4mA
0.4
V
IFLT
FLT Output Leakage
VIN = 0V, FLT = 5.5V
1
μA
VPOK
POK Output Low Voltage
IPOK = 4mA
0.4
V
IPOK
POK Output Leakage
VIN = 0V, POK = 5.5V
1
μA
TON
OVP Switch Turn On Delay Time
EN from 0V to 5V; ROUT = 10; COUT= 1μF8
ms
TSHDN
Chip Thermal Shutdown Temperature
Threshold
140
ºC
Hysteresis
15


Similar Part No. - TDFN33-12

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TDFN33-12 SKYWORKS-TDFN33-12 Datasheet
1Mb / 17P
   thermal shutdown protection
More results

Similar Description - TDFN33-12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SQ12033 DELTA-Q48SQ12033 Datasheet
657Kb / 13P
   Hiccup output over current protection(OCP)
logo
Advanced Analogic Techn...
AAT4684 ANALOGICTECH-AAT4684 Datasheet
291Kb / 13P
   Over-Voltage Protection Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
   Over-Voltage Protection Load Switch with Surge Protection
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
   Over-Voltage Protection Load Switch with Surge Protection
logo
ON Semiconductor
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
   Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Shanghai awinic technol...
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
   Over-Voltage Protection Load Switch
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
   Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
   Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
   Over-Voltage Protection Load Switch
September-2017, Rev. 2
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
   Over-Voltage Protection Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com