Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGFC36V4450A Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFC36V4450A
Description  4.4 ~ 5.0GHz BAND 4W INTERNALLY MATCHED GaAs FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFC36V4450A Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFC36V4450A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC36V4450A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MITSUBISHI SEMICONDUCTOR <GaAs FET>
MGFC36V4450A
4.4 ~ 5.0GHz BAND 4W INTERNALLY MATCHED GaAs FET
DESCRIPTION
FEATURES
Class A operation
Internally matched to 50(ohm) system
High output power
P1dB = 4W (TYP.) @ f=4.4~5.0GHz
High power gain
GLP = 12 dB (TYP.) @ f=4.4~5.0GHz
High power added efficiency
P.A.E. = 32 % (TYP.) @ f=4.4~5.0GHz
Low distortion [ item -51 ]
IM3= -45 dBc(TYP.) @Po=25dBm S.C.L.
APPLICATION
item 01 : 4.4~5.0 GHz band power amplifier
item 51 : 4.4~5.0 GHz band digital radio communication
QUALITY GRADE
IG
RECOMMENDED BIAS CONDITIONS
VDS = 10 (V)
ID = 1.2(A)
Refer to Bias Procedure
RG= 100 (ohm)
ABSOLUTE MAXIMUM RATINGS
(Ta=25 deg.C)
Symbol
Parameter
Ratings
Unit
VGDO
Gate to drain voltage
-15
V
VGSO
Gate to source voltage
-15
V
ID
Drain current
3.75
A
IGR
Reverse gate current
-10
mA
IGF
Forward gate current
21
mA
PT
Total power dissipation *1
25
W
Tch
Channel temperature
175
deg.C
Tstg
Storage temperature
-65 / +175
deg.C
*1 : Tc=25 deg.C
ELECTRICAL CHARACTERISTICS
(Ta=25 deg.C)
Limits
Min.
Typ.
Max.
IDSS
Saturated drain current
VDS=3V, VGS=0V
-
-
3.75
A
gm
Transconductance
VDS=3V, ID=1.1A
-
1
-
S
VGS(off)
Gate to source cut-off voltage
VDS=3V, ID=10mA
-
-
-4.5
V
P1dB
Output power at 1dB gain compression
35
37
-
dBm
GLP
Linear power gain
VDS=10V, ID(RF off)=1.2A, f=4.4~5.0GHz
9
12
-
dB
ID
Drain current
-
-
1.8
A
P.A.E.
Power added efficiency
-
32
-
%
IM3
3rd order IM distortion
*1
-42
-45
-
dBc
Rth(ch-c)
Thermal resistance
*2
Delta Vf method
-
5
6
deg.C/W
*1 : item -51, 2 tone test, Po=25dBm Single Carrier Level, f=5GHz, Delta f=10MHz
*2 : Channel to case
MITSUBISHI
June/2004
ELECTRIC
The MGFC36V4450A is an internally impedance-matched
GaAs power FET especially designed for use in 4.4 ~ 5.0
GHz band amplifiers.The hermetically sealed metal-ceramic
package guarantees high reliability.
Parameter
Test conditions
< Keep safety first in your circuit designs! >
Mitsubishi Electric Corporation puts the maximum effort into
making semiconductor products better and more reliable, but
there is always the possibility that trouble may occur with them.
Trouble with semiconductors may lead to personal injury, fire
or property damage. Remember to give due consideration to
safety when making your circuit designs, with appropriate
measures such as (1)placement of substitutive, auxiliary
circuits, (2)use of non-flammable material or (3)prevention
against any malfunction or mishap.
Symbol
Unit
12.0
21.0 +/-0.3
10.7
(1)
17.0 +/-0.2
GF-8
(2)
OUTLINE DRAWING
(1) GATE
(2) SOURCE (FLANGE)
(3) DRAIN
R-1.6
(3)
(2)
0.6 +/-0.15
Unit : millimeters


Similar Part No. - MGFC36V4450A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC36V4450A MITSUBISHI-MGFC36V4450A Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
MGFC36V4450A MITSUBISHI-MGFC36V4450A_11 Datasheet
93Kb / 2P
   C band internally matched power GaAs FET
More results

Similar Description - MGFC36V4450A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFC40V4450A MITSUBISHI-MGFC40V4450A Datasheet
99Kb / 2P
   4.4 - 5.0GHz BAND 10W INTERNALLY MATCHED GaAs FET
MGFC39V4450A MITSUBISHI-MGFC39V4450A_04 Datasheet
184Kb / 2P
   4.4 ~ 5.0GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC44V4450 MITSUBISHI-MGFC44V4450_98 Datasheet
260Kb / 3P
   4.4-5.0GHz BAND 24W INTERNALLY MATCHED GaAs FET
MGFC47A4450 MITSUBISHI-MGFC47A4450 Datasheet
347Kb / 5P
   4.4~5.0GHz BAND 50W INTERNALLY MATCHED GaAs FET
MGFC42V4450 MITSUBISHI-MGFC42V4450 Datasheet
89Kb / 2P
   4.4 - 5.0GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC39V4450A MITSUBISHI-MGFC39V4450A Datasheet
98Kb / 2P
   4.4 - 5.0GHz BAND 8W INTERNALLY MATCHED GaAs FET
MGFC42V4450A MITSUBISHI-MGFC42V4450A Datasheet
109Kb / 2P
   4.4 - 5.0GHz BAND 16W INTERNALLY MATCHED GaAs FET
MGFC45V4450A MITSUBISHI-MGFC45V4450A_03 Datasheet
288Kb / 3P
   4.4 - 5.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V4450A MITSUBISHI-MGFC45V4450A Datasheet
140Kb / 2P
   4.4 - 5.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC44V4450 MITSUBISHI-MGFC44V4450 Datasheet
110Kb / 2P
   4.4-5.0GHz BAND 24W INTERNALLY MATCHED GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com