Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-52543-BLKG Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # MGA-52543-BLKG
Description  Low Noise Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

MGA-52543-BLKG Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button MGA-52543-BLKG Datasheet HTML 2Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 3Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 4Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 5Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 6Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 7Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 8Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 9Page - Agilent(Hewlett-Packard) MGA-52543-BLKG Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
MGA-52543 Typical Scattering Parameters
TC = 25°C, Vd = 5.0V, Id = 53 mA, ZO = 50 Ω, (from S and Noise Parameters in ICM test fixture)
Freq
s11 (m)
s11 (a)
s21 (dB) s21 (m)
s21 (a)
s12 (dB) s12 (m)
s12 (a)
s22 (m)
s22 (a)
K
0.2
0.64
-17.42
14.92
5.57
168.30
-22.90
0.072
16.89
0.53
-14.49
1.00
0.3
0.62
-18.44
14.76
5.47
166.18
-22.62
0.074
9.26
0.51
-15.38
1.04
0.4
0.61
-20.41
14.67
5.41
163.57
-22.56
0.074
4.62
0.51
-17.35
1.06
0.5
0.60
-23.21
14.60
5.37
160.09
-22.58
0.074
0.54
0.49
-18.04
1.08
0.6
0.60
-26.02
14.54
5.33
156.98
-22.66
0.074
-2.26
0.48
-20.59
1.09
0.7
0.60
-29.01
14.46
5.28
153.79
-22.78
0.073
-4.58
0.48
-23.14
1.10
0.8
0.60
-31.88
14.37
5.23
150.67
-22.92
0.071
-6.59
0.47
-25.89
1.12
0.9
0.60
-35.42
14.28
5.18
147.57
-23.06
0.070
-8.26
0.46
-28.24
1.13
1
0.60
-38.48
14.19
5.13
144.53
-23.23
0.069
-9.68
0.45
-31.05
1.14
1.1
0.60
-41.81
14.10
5.07
141.44
-23.40
0.068
-10.91
0.44
-33.35
1.16
1.2
0.61
-45.23
14.01
5.02
138.48
-23.58
0.066
-12.02
0.44
-35.96
1.17
1.3
0.61
-48.69
13.92
4.96
135.50
-23.76
0.065
-13.01
0.43
-38.26
1.19
1.4
0.61
-52.14
13.82
4.91
132.59
-23.95
0.063
-13.77
0.42
-40.57
1.21
1.5
0.61
-55.73
13.73
4.86
129.67
-24.14
0.062
-14.46
0.41
-42.72
1.22
1.6
0.61
-59.22
13.63
4.80
126.78
-24.34
0.061
-15.00
0.41
-44.90
1.25
1.7
0.61
-62.73
13.54
4.75
123.96
-24.53
0.059
-15.44
0.40
-46.95
1.27
1.8
0.61
-66.34
13.45
4.70
121.14
-24.72
0.058
-15.78
0.39
-48.94
1.29
1.9
0.61
-69.85
13.36
4.66
118.37
-24.93
0.057
-16.07
0.39
-50.92
1.32
2
0.61
-73.41
13.27
4.61
115.53
-25.10
0.056
-16.19
0.38
-52.95
1.34
2.1
0.61
-76.93
13.19
4.57
112.76
-25.29
0.054
-16.23
0.37
-54.81
1.36
2.2
0.61
-80.55
13.10
4.52
109.97
-25.48
0.053
-16.15
0.37
-56.73
1.39
2.3
0.61
-84.18
13.02
4.48
107.22
-25.69
0.052
-16.20
0.36
-58.62
1.42
2.4
0.61
-87.95
12.95
4.44
104.46
-25.88
0.051
-16.12
0.36
-60.36
1.46
2.5
0.60
-91.46
12.87
4.40
101.71
-26.04
0.050
-15.93
0.35
-62.11
1.48
3
0.59
-109.93
12.46
4.20
88.05
-26.89
0.045
-13.42
0.33
-69.84
1.66
3.5
0.58
-128.36
12.02
3.99
74.65
-27.67
0.041
-8.35
0.32
-76.05
1.89
4
0.57
-146.55
11.56
3.79
61.39
-28.07
0.040
-0.44
0.30
-81.51
2.08
4.5
0.56
-164.07
11.10
3.59
48.43
-27.72
0.041
9.10
0.29
-87.17
2.11
5
0.55
179.17
10.60
3.39
35.70
-26.66
0.046
16.13
0.28
-93.37
1.99
5.5
0.55
163.86
10.09
3.19
23.34
-25.28
0.054
19.97
0.26
-101.07
1.81
6
0.55
148.85
9.58
3.01
11.08
-23.76
0.065
20.39
0.25
-111.19
1.62
6.5
0.56
134.84
9.01
2.82
-0.85
-22.33
0.076
17.75
0.24
-124.51
1.48
7
0.57
121.13
8.44
2.64
-12.44
-21.13
0.088
13.58
0.23
-137.46
1.38
7.5
0.58
108.36
7.85
2.47
-23.66
-20.03
0.100
9.01
0.23
-151.87
1.30
8
0.58
95.90
7.25
2.31
-34.68
-19.00
0.112
3.27
0.24
-165.58
1.22
Freq
Fmin
Γ
opt
Γ
opt
Rn/Zo
Ga
(GHz)
(dB)
Mag
Ang
(dB)
0.5
1.46
0.32
10.51
0.37
16.5
0.8
1.49
0.31
21.95
0.35
16.3
0.9
1.50
0.31
28.21
0.34
16.19
1
1.51
0.3
32.89
0.34
16.1
1.1
1.52
0.3
39.85
0.33
16.0
1.5
1.57
0.29
45.05
0.30
15.61
1.8
1.60
0.28
50.05
0.28
15.2
1.9
1.61
0.28
57.75
0.27
15.02
2
1.62
0.27
59.67
0.27
14.9
2.1
1.63
0.27
63.12
0.26
14.8
2.2
1.64
0.26
64.28
0.26
14.65
2.3
1.65
0.26
68.3
0.25
14.58
2.4
1.66
0.25
75.25
0.24
14.48
2.5
1.68
0.25
78.03
0.24
14.39
3
1.73
0.23
94.06
0.21
13.98
3.5
1.78
0.21
121.52
0.18
13.39
4
1.84
0.2
141.87
0.16
12.9
4.5
1.89
0.21
172.98
0.15
12.45
5
1.94
0.24
-169.13
0.14
12
5.5
2.00
0.28
-146.48
0.16
11.59
6
2.05
0.31
-133.04
0.19
11.1
Noise Parameters


Similar Part No. - MGA-52543-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-52543 AVAGO-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-52543 BOARDCOM-MGA-52543 Datasheet
98Kb / 8P
   Low Noise Amplifi er
More results

Similar Description - MGA-52543-BLKG

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com