Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC820 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC820
Description  Teeny Ultra Low Power Op Amp
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC820 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC820 Datasheet HTML 1Page - Micrel Semiconductor MIC820 Datasheet HTML 2Page - Micrel Semiconductor MIC820 Datasheet HTML 3Page - Micrel Semiconductor MIC820 Datasheet HTML 4Page - Micrel Semiconductor MIC820 Datasheet HTML 5Page - Micrel Semiconductor MIC820 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC820
Micrel
MIC820
2
December 2000
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – VV–) ........................................ +6.0V
Differentail Input Voltage (
V
IN+ – VIN–) ................. +6.0lV
Input Voltage (V
IN+ – VIN–) .............. VV+ + 0.3V, VV– –0.3V
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Output Short Circuit Current Duration .................. Indefinite
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
S) ................................ +4.75V to +5.25V
Ambient Temperature Range ..................... –40
°C to +85°C
Package Thermal Resistance ............................... 450
°C/W
Electrical Characteristics (0V to 5V)
V
V+ = +5V, VV– = 0V, VCM = V+/2; RL = 1MΩ; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
115
mV
Input Offset Voltage Temp Coefficient
13
µV/°C
I
B
Input Bias Current
0.165
5
nA
I
OS
Input Offset Current
0.1
5
nA
V
CM
Input Voltage Range
CMRR > 35dB
0
V
CC-2.5
V
CMRR
Common-Mode Rejection Ratio
0 < V
CM < 2.5V
35
50
dB
PSRR
Power Supply Rejection Ratio
Note 5
40
70
dB
A
VOL
Large-Signal Voltage Gain
R
L = 1M, –0.5 < VOUT < 3.5V
60
72
dB
V
OUT
Maximum Output Voltage Swing
R
L = 200k
4.95
5
V
V
OUT
Minimum Output Voltage Swing
R
L = 200k
0
50
mV
BW
–3db Bandwidth
5
MHz
GBW
Gain-Bandwidth Product
4
MHz
SR
Slew Rate
5V/
µs
I
SC
Short-Circuit Output Current
Source
2
2.85
mA
Sink
0.15
0.26
mA
I
GND
Supply Current
V
CC = ±2.5V, VOUT = 0V
22
35
µA
V
CC = ±2.5V, VOUT = –2.5V
35
60
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensetive
Note 4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Note 5.
Supply Voltage change of 1V.


Similar Part No. - MIC820

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Micrel Semiconductor
MIC826LYMT MICREL-MIC826LYMT Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Microchip Technology
MIC826LYMT-TR MICROCHIP-MIC826LYMT-TR Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Micrel Semiconductor
MIC826MYMT MICREL-MIC826MYMT Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
More results

Similar Description - MIC820

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC860BC5-TR MICREL-MIC860BC5-TR Datasheet
1Mb / 12P
   Teeny Ultra Low Power Op Amp
MIC860 MICREL-MIC860 Datasheet
1Mb / 12P
   Teeny??Ultra Low Power Op Amp
MIC861 MICREL-MIC861_06 Datasheet
613Kb / 12P
   Teeny Ultra Low Power Op Amp
MIC861 MICREL-MIC861_14 Datasheet
1Mb / 11P
   Teeny??Ultra-Low-Power Op Amp
MIC860 MICREL-MIC860_14 Datasheet
1Mb / 13P
   Teeny??Ultra-Low Power Op Amp
MIC861 MICREL-MIC861 Datasheet
173Kb / 12P
   Teeny Ultra Low Power Op Amp Final Information
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
   Ultra-Low Power Op Amp
02/28/20
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
   Ultra Low Power 1.8V, 400KHz Op Amp
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
   Ultra Low Power 1.8V, 600kHz Op Amp
MP8103 MPS-MP8103 Datasheet
635Kb / 9P
   Dual Ultra Low Power 1.8V, 600kHz Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com