Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5159-3.0BM6 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5159-3.0BM6
Description  PROGRAMMABLE CURRENT LIMIT UCAP LDO REGULATOR CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5159-3.0BM6 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5159-3.0BM6 Datasheet HTML 5Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 6Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 7Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 8Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 9Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 10Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 11Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 12Page - Micrel Semiconductor MIC5159-3.0BM6 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
April 2004
9
M9999-041204
MIC5159
Micrel
Layout Considerations
Input and output capacitor placement should be as close as
possible to the input and output, respectively. Trace resis-
tance between the current sense and the MOSFET source
should be minimized. Trace resistance will increase dropout
voltage. This is more of a factor at higher output currents.
Also, a minimum amount of distance between the gate pin, on
the MIC5159, and the P-Channel MOSFET gate is recom-
mended. A long trace can create a small parasitic inductor.
This, coupled to the gate capacitance of the MOSFET, can
create a high frequency tank circuit. A small 50
Ω resistor in
series with the gate may be required to eliminate high-
frequency noise.
Adjustable Regulator Design
The MIC5159 allows programming the output voltage any-
where between 1.235V to V
IN. Two resistors are used. See
Figure 4. The resistor values are calculated by:
R1= R2
V
1.235
1
OUT
× 




Where V
OUT is the desired output voltage.
VIN
RS
R1
R2
VOUT
COUT = 10µF
ceramic
Si3445
IS
ADJ
IN
EN GND
GATE
MIC5159-x.x
Figure 4. Adjustable Regulator Design


Similar Part No. - MIC5159-3.0BM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159-3.0BM6 MICREL-MIC5159-3.0BM6 Datasheet
476Kb / 23P
   Programmable Current Limit 關Cap LDO Regulator Controller
More results

Similar Description - MIC5159-3.0BM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5159 MICREL-MIC5159_06 Datasheet
476Kb / 23P
   Programmable Current Limit 關Cap LDO Regulator Controller
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
   150mA UCap Dual LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com