Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1491-06RTR Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # MK1491-06RTR
Description  AMD Geode??Clock Source
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1491-06RTR Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button MK1491-06RTR Datasheet HTML 2Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 3Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 4Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 5Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 6Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 7Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 8Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 9Page - Integrated Circuit Systems MK1491-06RTR Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AMD Geode™ Clock Source
MDS 1491-06 J
10
Revision 110204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1491-06
Package Outline and Package Dimensions (28-pin SSOP, 150 mil Body, 0.025 mm Pitch)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
Ordering Information
“LF” denotes Pb (lead) free package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
MK1491-06R
MK1491-06R
Tubes
28-pin SSOP
0 to +70
°C
MK1491-06RTR
MK1491-06R
Tape and Reel
28-pin SSOP
0 to +70
°C
MK1491-06RLF
MK1491-06RLF
Tubes
28-pin SSOP
0 to +70
°C
MK1491-06RLFTR
MK1491-06RLF
Tape and Reel
28-pin SSOP
0 to +70
°C
MK1491-06S
MK1491-06S
Tubes
28-pin SOIC
0 to +70
°C
MK1491-06STR
MK1491-06S
Tape and Reel
28-pin SOIC
0 to +70
°C
MK1491-06SLF
MK1491-06SLF
Tubes
28-pin SOIC
0 to +70
°C
MK1491-06SLFTR
MK1491-06SLF
Tape and Reel
28-pin SOIC
0 to +70
°C
INDEX
AREA
1 2
28
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.351.75.053
.069
A1
0.10
0.25
.0040
.010
A2
--
1.50
--
.059
b
0.200.30.008
.012
C
0.180.25.007
.010
D
9.80
10.00
.386
.394
E
5.806.20.228
.244
E1
3.80
4.00
.150
.157
e
0.635 Basic
0.025 Basic
L
0.401.27.016
.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - MK1491-06RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1491-06RTR ICST-MK1491-06RTR Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
More results

Similar Description - MK1491-06RTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1491-09 ICST-MK1491-09 Datasheet
156Kb / 8P
   AMD Geode GX2 Clock Source
logo
Renesas Technology Corp
MK1491-06 RENESAS-MK1491-06 Datasheet
288Kb / 13P
   AMD GEODE™ CLOCK SOURCE
060914
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
logo
AAEON Technology
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
logo
AAEON Technology
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com