Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1491-06SLFTR Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK1491-06SLFTR
Description  AMD Geode??Clock Source
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1491-06SLFTR Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button MK1491-06SLFTR Datasheet HTML 2Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 3Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 4Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 5Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 6Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 7Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 8Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 9Page - Integrated Circuit Systems MK1491-06SLFTR Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AMD Geode™ Clock Source
MDS 1491-06 J
9
Revision 110204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1491-06
Package Outline and Package Dimensions (28-pin SOIC, 150 mil Body)
Package dimensions are kept current with JEDEC Publication No. 95, MO-153
h x 45°
α
L
C
SEATING
PLANE
A1
B
A
e
.10 (.004)
INDEX
AREA
1 2
N
D
E
H
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
2.65
0.104
A1
0.10
.0040
B
0.33
0.51
.013
.020
C
0.18
0.32
.007
.013
D
17.70
18.40
.697
.724
E
7.40
7.60
.291
.299
e
1.27 Basic
0.050 Basic
H
10.00
10.65
.394
.419
h
0.25
0.75
.010
.029
L
0.40
1.27
.016
.050
α
0
°
8
°
0
°
8
°


Similar Part No. - MK1491-06SLFTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1491-06SLFTR RENESAS-MK1491-06SLFTR Datasheet
288Kb / 13P
   AMD GEODE™ CLOCK SOURCE
060914
More results

Similar Description - MK1491-06SLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1491-09 ICST-MK1491-09 Datasheet
156Kb / 8P
   AMD Geode GX2 Clock Source
logo
Renesas Technology Corp
MK1491-06 RENESAS-MK1491-06 Datasheet
288Kb / 13P
   AMD GEODE™ CLOCK SOURCE
060914
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
   AMD GEODE™ GX2 CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
   CS5530 Geode??Clock Source
logo
AAEON Technology
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
   AMD Geode GX1 Processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
   AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
   AMD Geode??LX800 3.5
21-Mar-2018
logo
AAEON Technology
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
   AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
   AMD Geode GX1 Processor
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
   AMD Geode GX1 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com