Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML99237 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # ML99237
Description  High Power InGaAsP DFB LASER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML99237 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  ML99237 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML99237 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTLINE DRAWINGS
ML9xx37 SERIES
MITSUBISHI LASER DIODES
ML99237
(2)
(1) Case
MITSUBISHI
ELECTRIC
Feb. 2003
ML9SM37
(2)
(1) Case
High Power InGaAsP DFB LASER DIODE
* Notification for a submount product
The submount product may show the change ofthe optical and electrical characteristics due to the influences of
an assembly substrate (strain, thermal conductivity, etc.) prepared by the customer. Therefore, the supplier is not
obliged to guarantee that all optical and electrical characteristics meet specifications after the shipment.
Residual Solder (Au80Sn20)
(2)Cathode electrode
(1)Anode electrode
0.37±0.05
1.2±0.06
Au metalized
front facet
0±0.06
(Beam Point)
Light output
6.0±0.2
2.0
2.0
1.0±0.1
φ1.0±0.1
3.0±0.1
Beam Point
(2)
(1)
Light output


Similar Part No. - ML99237

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML99212 MITSUBISHI-ML99212 Datasheet
138Kb / 4P
   InGaAsP-MQW-DFB LASER DIODES???
ML99213 MITSUBISHI-ML99213 Datasheet
115Kb / 3P
   In GaAsP-MQW-DFB LASER DIODES
More results

Similar Description - ML99237

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX32 MITSUBISHI-ML7XX32 Datasheet
71Kb / 2P
   10Gbps InGaAsP DFB LASER DIODE
ML9XX40 MITSUBISHI-ML9XX40 Datasheet
211Kb / 3P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX43 MITSUBISHI-ML9XX43 Datasheet
173Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16 Datasheet
51Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
ML9XX22 MITSUBISHI-ML9XX22 Datasheet
120Kb / 3P
   2.5Gbps DWDM InGaAsP DFB-LASER DIODE
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML9XX16 MITSUBISHI-ML9XX16 Datasheet
167Kb / 3P
   InGaAsP DFB LASER DIODES
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com