Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKC1862-405-F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MKC1862-405-F
Description  Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKC1862-405-F Datasheet(HTML) 3 Page - Vishay Siliconix

  MKC1862-405-F Datasheet HTML 1Page - Vishay Siliconix MKC1862-405-F Datasheet HTML 2Page - Vishay Siliconix MKC1862-405-F Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
103
MKC 1862*
Vishay Roederstein
Document Number 26027
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
Please note: these capacitors are not recommended for new designs
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
0.022
0.047
0.1
0.22
1.0
0.47
2.2
102
23
5
7 103
235 7 104
23
5 7 105
250 VDC
Permissible AC Voltage versus Frequency
f [Hz]
1000
7
5
3
2
100
7
5
3
2
10
102
23
5
7 103
235 7 104
23
5 7 105
0.22
0.01
0.022
0.033
0.068
0.1
0.33
0.68
1.0
400 VDC
Permissible AC Voltage versus Frequency
f [Hz]
100
7
5
3
2
10
7
5
3
2
1
0.22
0.47
1.0
2.2
4.7
10.0
63 VDC
102
23
5
7 103
235 7 104
23
5 7 105
Permissible AC Voltage versus Frequency
f [Hz]
100
7
5
3
2
10
7
5
3
2
1
0.47
2.2
10.0
6.8
3.3
1.5
0.68
0.33
0.15
0.068
102
23
5
7 103
235 7 104
23
5 7 105
100 VDC
0.01
2 3
5 7 0.1
2 3
5 7 1.0
2 3
5 7 10
2 3
5 7 100
Metallized Polycarbonate, Related Document: IEC 60384-6
Capacitance in
µF
Capacitance in
µF
Capacitance in
µF
Capacitance in
µF
Impedance versus Frequency Z = f (f) (Lead length 2.0mm)
10
7
5
3
2
1.0
7
5
3
2
0.1
7
5
3
2
0.01
7
5
3
2
0.001
MHz


Similar Part No. - MKC1862-405-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1862-405-F VISHAY-MKC1862-405-F Datasheet
309Kb / 4P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results

Similar Description - MKC1862-405-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKC1860 VISHAY-MKC1860 Datasheet
45Kb / 3P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60 384-6
Revision 01-Dec-03
KC1850 VISHAY-KC1850 Datasheet
68Kb / 3P
   Polycarbonate Film Capacitor Related Document: IEC 60 384-12
Revision 01-Dec-03
MKC1860 VISHAY-MKC1860_05 Datasheet
170Kb / 4P
   Metallized Polycarbonate Film Capacitor Related Document: IEC 60384-6
Revision: 05-Jul-05
MKP1846 VISHAY-MKP1846 Datasheet
46Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60 384-16
Revision 01-Dec-03
MKT1822 VISHAY-MKT1822 Datasheet
54Kb / 4P
   Metallized Polyester Film Capacitor Related Document: IEC 60384-2
Revision 02-Dec-03
MKP1845 VISHAY-MKP1845_06 Datasheet
478Kb / 6P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 07-Feb-06
MKP1839 VISHAY-MKP1839 Datasheet
47Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1837310161G VISHAY-MKP1837310161G Datasheet
150Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision: 23-Jun-05
MKP1840 VISHAY-MKP1840 Datasheet
52Kb / 3P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
MKP1841 VISHAY-MKP1841 Datasheet
60Kb / 4P
   Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
Revision 01-Dec-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com