Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT2222A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MMBT2222A
Description  NPN General Purpose Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBT2222A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MMBT2222A Datasheet HTML 1Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 2Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 3Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 4Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 5Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 6Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 7Page - Fairchild Semiconductor MMBT2222A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Absolute Maximum Ratings * T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Electrical Characteristics T
a=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current
1.0
A
TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
BV(BR)CEO
Collector-Emitter Breakdown Voltage *
IC = 10mA, IB = 0
40
V
BV(BR)CBO
Collector-Base Breakdown Voltage
IC = 10µA, IE = 0
75
V
BV(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10µA, IC = 0
6.0
V
ICEX
Collector Cutoff Current
VCE = 60V, VEB(off) = 3.0V
10
nA
ICBO
Collector Cutoff Current
VCB = 60V, IE = 0
VCB = 60V, IE = 0, Ta = 125°C
0.01
10
µA
µA
IEBO
Emitter Cutoff Current
VEB = 3.0V, IC = 0
10
µA
IBL
Base Cutoff Current
VCE = 60V, VEB(off) = 3.0V
20
µA
On Characteristics
hFE
DC Current Gain
IC = 0.1mA, VCE = 10V
IC = 1.0mA, VCE = 10V
IC = 10mA, VCE = 10V
IC = 10mA, VCE = 10V, Ta = -55°C
IC = 150mA, VCE = 10V *
IC = 150mA, VCE = 10V *
IC = 500mA, VCE = 10V *
35
50
75
35
100
50
40
300
VCE(sat)
Collector-Emitter Saturation Voltage *
IC = 150mA, VCE = 10V
IC = 500mA, VCE = 10V
0.3
1.0
V
V
VBE(sat)
Base-Emitter Saturation Voltage *
IC = 150mA, VCE = 10V
IC = 500mA, VCE = 10V
0.6
1.2
2.0
V
V
NPN General Purpose Amplifier
• This device is for use as a medium power amplifier and switch
requiring collector currents up to 500mA.
• Sourced from process 19.
PN2222A
MMBT2222A
PZT2222A
EB C
TO-92
SOT-23
SOT-223
Mark:1P
C
B
E
E
B
C
C


Similar Part No. - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222A PHILIPS-MMBT2222A Datasheet
47Kb / 8P
   NPN switching transistor
2000 Apr 11
logo
SHIKUES Electronics
MMBT2222A SKTECHNOLGY-MMBT2222A Datasheet
677Kb / 3P
   TRANSISTOR (NPN)
logo
Infineon Technologies A...
MMBT2222A INFINEON-MMBT2222A Datasheet
538Kb / 8P
   Low collector-emitter saturation voltage
2011-08-19
logo
Unisonic Technologies
MMBT2222A UTC-MMBT2222A Datasheet
118Kb / 6P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Bruckewell Technology L...
MMBT2222A BWTECH-MMBT2222A Datasheet
423Kb / 5P
   NPN General Purpose Amplifier
More results

Similar Description - MMBT2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com