Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5223B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MMBZ5223B
Description  Zeners
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MMBZ5223B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MMBZ5223B Datasheet HTML 1Page - Fairchild Semiconductor MMBZ5223B Datasheet HTML 2Page - Fairchild Semiconductor MMBZ5223B Datasheet HTML 3Page - Fairchild Semiconductor MMBZ5223B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2004 Fairchild Semiconductor Corporation
MMBZ5221B-MMBZ5257B, Rev. A1
Electrical Characteristics T
A=25°C unless otherwise noted
Device
Mark
VZ (V)
ZZ(Ω
Ω) @ I
Z (mA)
ZZK(Ω
Ω) @ I
ZK (mA)
IR
µµµA) @ V
R (V)
MMBZ5248B
MMBZ5249B
MMBZ5250B
MMBZ5251B
MMBZ5252B
8Y
8Z
81A
81B
81C
18
19
20
22
24
21
23
25
29
33
7.0
6.6
6.2
5.6
5.2
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
100
100
100
100
100
14
14
15
17
18
MMBZ5253B
MMBZ5254B
MMBZ5255B
MMBZ5256B
MMBZ5257B
81D
81E
81F
81G
81H
25
27
28
30
33
35
41
44
49
58
5.0
4.6
4.5
4.2
3.8
600
600
600
600
600
0.25
0.25
0.25
0.25
0.25
100
100
100
100
100
19
21
21
23
25
VF Forward Voltage = 0.9V Maximum @ IF = 10mA for all MMBZ5200 series


Similar Part No. - MMBZ5223B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5223B PANJIT-MMBZ5223B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Rectron Semiconductor
MMBZ5223B RECTRON-MMBZ5223B Datasheet
249Kb / 4P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.7 to 39 Volts POWER RATING 350 mWatts
logo
Formosa MS
MMBZ5223B FORMOSA-MMBZ5223B Datasheet
555Kb / 8P
   Zener Diode
logo
Diodes Incorporated
MMBZ5223B DIODES-MMBZ5223B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
MMBZ5223B DIODES-MMBZ5223B Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
More results

Similar Description - MMBZ5223B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
1N5985B FAIRCHILD-1N5985B Datasheet
145Kb / 5P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com