Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDFS3P303-D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMDFS3P303-D
Description  Power MOSFET 3 Amps, 30 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303-D Datasheet(HTML) 1 Page - ON Semiconductor

  MMDFS3P303-D Datasheet HTML 1Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 2Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 3Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 4Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 5Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 6Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 7Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 8Page - ON Semiconductor MMDFS3P303-D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
November, 2000 – Rev. 2
1
Publication Order Number:
MMDFS3P303/D
MMDFS3P303
Power MOSFET
3 Amps, 30 Volts
P–Channel SO–8, FETKY
t
The FETKY product family incorporates low RDS(on), MOSFETs
packaged with industry leading, low forward drop, low leakage
Schottky Barrier rectifiers to offer high efficiency components in a
space saving configuration. Independent pinouts for MOSFET and
Schottky die allow the flexibility to use a single component for
switching and rectification functions in a wide variety of applications
such as Buck Converter, Buck–Boost, Synchronous Rectification,
Low Voltage Motor Control, and Load Management in Battery Packs,
Chargers, Cell Phones and other Portable Products.
Power MOSFET with Low VF, Low IR Schottky Rectifier
Lower Component Placement and Inventory Costs along with
Board Space Savings
R2 Suffix for Tape and Reel (2500 units/13″ reel)
Mounting Information for SO–8 Package Provided
IDSS Specified at Elevated Temperature
Applications Information Provided
Marking: 3P303
MOSFET MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
(Notes 1. & 2.)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
30
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MW)
VDGR
30
Vdc
Gate–to–Source Voltage – Continuous
VGS
"20
Vdc
Drain Current
– Continuous @ TA = 25°C
– Continuous @ TA = 100°C
– Single Pulse (tp
v 10 ms)
ID
ID
IDM
3.5
2.25
12
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 3.)
PD
2.0
Watts
Single Pulse Drain–to–Source Avalanche
Energy – STARTING TJ = 25°C
VDD = 30 Vdc, VGS = 10 Vdc, VDS = 20 Vdc,
IL = 9.0 Apk, L = 10 mH, RG = 25 W
EAS
375
mJ
1. Negative sign for P–channel device omitted for clarity.
2. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2.0%.
3. Mounted on 2
″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
Anode
1
2
3
4
8
7
6
5
Top View
Anode
Source
Gate
Cathode
Cathode
Drain
Drain
Device
Package
Shipping
ORDERING INFORMATION
MMDFS3P303R2
SO–8
2500 Tape & Reel
http://onsemi.com
D
S
G
P–Channel
SO–8
CASE 751
STYLE 18
LYWW
MARKING
DIAGRAM
6N303
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
1
8
3 AMPERES
30 VOLTS
RDS(on) = 100 mW
VF = 0.42 Volts


Similar Part No. - MMDFS3P303-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
MMDFS3P303R2 ONSEMI-MMDFS3P303R2 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
More results

Similar Description - MMDFS3P303-D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com