Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDFS3P303R2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MMDFS3P303R2
Description  Power MOSFET 3 Amps, 30 Volts
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS3P303R2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MMDFS3P303R2 Datasheet HTML 4Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 5Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 6Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 7Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 8Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 9Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 10Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 11Page - ON Semiconductor MMDFS3P303R2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MMDFS3P303
http://onsemi.com
8
TYPICAL SCHOTTKY ELECTRICAL CHARACTERISTICS
Figure 22. Schottky Thermal Response
t, TIME (s)
1.0
0.1
D = 0.5
SINGLE PULSE
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.2
0.1
0.02
1.0E+02
1.0E+03
0.001
0.01
NORMALIZED TO RqJA AT STEADY STATE (1″ PAD)
CHIP
JUNCTION
0.1010 W
39.422 mF
1.2674 W
493.26 mF
27.987 W
0.0131 F
30.936 W
0.2292 F
36.930 W
2.267 F
AMBIENT
0.05
0.01
TYPICAL APPLICATIONS
LOAD
Vout
CO
+
-
Vin
+
-
LOAD
Vout
CO
+
-
Vin
+
-
LO
LO
STEP DOWN SWITCHING REGULATORS
Buck Regulator
Synchronous Buck Regulator


Similar Part No. - MMDFS3P303R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDFS3P303R2 ONSEMI-MMDFS3P303R2 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
More results

Similar Description - MMDFS3P303R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N03HD ONSEMI-MMDF3N03HD Datasheet
118Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 7
MMDFS3P303 ONSEMI-MMDFS3P303 Datasheet
166Kb / 12P
   Power MOSFET 3 Amps, 30 Volts
November, 2000 ??Rev. 2
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTD30N02G ONSEMI-NTD30N02G Datasheet
134Kb / 5P
   Power MOSFET 30 Amps, 24 Volts
February, 2006 ??Rev. 3
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTMS3P03R2 ONSEMI-NTMS3P03R2_06 Datasheet
148Kb / 7P
   Power MOSFET -3.05 Amps, -30 Volts
March, 2006 ??Rev. 2
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
MMDF6N03HDR2 ONSEMI-MMDF6N03HDR2 Datasheet
236Kb / 10P
   Power MOSFET 6 Amps, 30 Volts
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com