Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMB1100112K Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EKMB1100112K
Description  Low current consumption for battery-driven applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EKMB1100112K Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EKMB1100112K Datasheet HTML 1Page - Panasonic Semiconductor EKMB1100112K Datasheet HTML 2Page - Panasonic Semiconductor EKMB1100112K Datasheet HTML 3Page - Panasonic Semiconductor EKMB1100112K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P.C.D
VDD
OUT
GND
11
A
A
45° ±4°
Please contact your local sales representative for detailed specifications.
Dimension
(mm)
Detection zone
Detection characteristics
CAD data by request
Saturn lens
Standard and slight-
motion detection type
Slight motion
Standard motion
Slight motion
Standard motion
44° x 44°
90° x 90°
36
48
Slight motion
Standard motion
Max. 2.2m*
Vertical
Horizontal
Standard motion
detection area
Slight motion
detection area
* Under specified detection conditions
Please refer to “Caution for use” (page 13) and
“Basic principles”(page 13, point 5), for more details
• The temperature
difference between the
target and the
surroundings must be
higher than 4°C.
• Movement speed: 0.5ms
• Target concept: Human
head with an approx. size
of 200x200mm
• Target moving direction:
Crossing the detection
beam, 1 zone
Detection
distance
Field of
view
Detection
zone
• The temperature
difference between the
target and the
surroundings must be
higher than 4°C.
• Movement speed: 1.0ms
• Target concept: Human
body with an approx. size
of 400x200mm
• Target moving direction:
Crossing the detection
beam, 2 zones
Detection
condition ▲
14.9
0.45 ±0.05
14.1
45°
±4°
5.08 ±0.2
(0.018 dia)
NEW
1A
2A
6A
170A
EKMB1193111
EKMB1193112
EKMB1193113
EKMB1293111
EKMB1293112
EKMB1293113
EKMB1393111K
EKMB1393112K
EKMB1393113K
EKMC1693111
EKMC1693112
EKMC1693113
By request
By request
By request
White
Black
Pearl white
Choose by output
Choose by the current
consumption in standby mode
(1 A type: in sleep mode)
Choose by
lens color
Standard and slight-motion detection type
Digital
Digital
Analog
SATURN LENS
Dual zone
44° 44°
90°
90°
2.2m
ø4.4m
1.8m
Standard motion
detection area
Slight motion
detection area


Similar Part No. - EKMB1100112K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EKMB1101111 PANASONIC-EKMB1101111 Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
EKMB1101111 PANASONIC-EKMB1101111 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1101112 PANASONIC-EKMB1101112 Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
EKMB1101112 PANASONIC-EKMB1101112 Datasheet
763Kb / 8P
   High-sensitive human detection sensor with built-in amp.
EKMB1101113 PANASONIC-EKMB1101113 Datasheet
1Mb / 6P
   Passive Infrared Motion Sensor
More results

Similar Description - EKMB1100112K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A68L SHARP-GP1A68L Datasheet
49Kb / 4P
   Low Voltage Driven Low Current Consumption Type OPIC Photointerrupter
logo
STMicroelectronics
STBC15 STMICROELECTRONICS-STBC15 Datasheet
832Kb / 23P
   Ultra-low current consumption linear battery charger
DS12551 - Rev 1 - May 2018
TSM1012 STMICROELECTRONICS-TSM1012 Datasheet
114Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012AID STMICROELECTRONICS-TSM1012AID Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1014 STMICROELECTRONICS-TSM1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com