Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1065229 Datasheet(PDF) 5 Page - SICK AG

Part # 1065229
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1065229 Datasheet(HTML) 5 Page - SICK AG

  1065229 Datasheet HTML 1Page - SICK AG 1065229 Datasheet HTML 2Page - SICK AG 1065229 Datasheet HTML 3Page - SICK AG 1065229 Datasheet HTML 4Page - SICK AG 1065229 Datasheet HTML 5Page - SICK AG 1065229 Datasheet HTML 6Page - SICK AG 1065229 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CFS50-AEV10X03 | CFS50
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
PIN assignment
PIN
Color
Signal
1
Blue
Ground connection (GND)
2
Red
Supply voltage 5 V ± 10 % (U
S)
3
Yellow
)
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
e
c
n
e
r
e
f
e
R
4
Purple
Reference signal (Z)
5
Brown
Increment signal inverted (¯A)
6
White
Increment signal (A)
7
Black
)
B
¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
t
n
e
m
e
r
c
n
I
8
Pink
Increment signal (B)
9
White/Red
)
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
n
o
i
t
a
t
u
m
m
o
C
10
White/Gray
Commutation signal (T)
11
White/Blue
)
S
¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
n
o
i
t
a
t
u
m
m
o
C
12
White/Yellow
Commutation signal (S)
13
White/Pink
)
R
¯
(
d
e
t
r
e
v
n
i
l
a
n
g
i
s
n
o
i
t
a
t
u
m
m
o
C
14
White/Green
Commutation signal (R)
15
Gray
Electronic setting of the commutation signals (SET0)
Diagram
Z
R
S
T
e
f
g
h
i
k
Polpairs
Number of poles
e, f, g, h, i, k
α
2
4
30°
180°
3
6
20°
120°
4
8
15°
90°
6
12
10°
60°
8
16
7.5°
45°
The angle information is related to a mechanical shaft rotation. Flank precision of the signals R, S, T ±1°.
At constant speed, looking at the input shaft, and clockwise rotation
T
tx1 tx2 tx3 tx4
90 %
10 %
A
A
B
B
Z
Z
A + B
Time
At constant rotational speed with regard to the input shaft and rotation in clockwise direction.
By connecting the two signals A and B, an output signal arises whose period durations tx1 ... tx4 have varying lengths.
The differences are determined:
• by the pulse/pause ratio tolerance of the individual channels
• by the tolerance in the 90° phase shift between A and B
• by the frequency
The times tx1 ... tx4 ideally have to amount to 1/4 of the particular period duration T. The typical output frequency of the encoder is
Recommended accessories
Other models and accessories
www.sick.com/CFS50
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, JST, 8-pin, straight
Head B: male connector, M23, 17-pin, straight
Cable: Incremental, unshielded, 1 m
DSL-2317-G01MJB7
2071332
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Similar Part No. - 1065229

ManufacturerPart #DatasheetDescription
logo
SICK AG
1065228 SICK-1065228 Datasheet
659Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results

Similar Description - 1065229

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60E-BDEJ01024 SICK-VFS60E-BDEJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BJNK01024 SICK-VFS60E-BJNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5AK01024 SICK-VFS60B-T5AK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T8CK01024 SICK-VFS60B-T8CK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-TDNJ01024 SICK-VFS60E-TDNJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-THNK01024 SICK-VFS60E-THNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BHCK01024 SICK-VFS60E-BHCK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T7AK02048 SICK-VFS60B-T7AK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7CK02048 SICK-VFS60E-T7CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7EJ01024 SICK-VFS60E-T7EJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5CK02048 SICK-VFS60B-T5CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com