Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFS50-AGV02X04 Datasheet(PDF) 2 Page - SICK AG

Part # CFS50-AGV02X04
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CFS50-AGV02X04 Datasheet(HTML) 2 Page - SICK AG

  CFS50-AGV02X04 Datasheet HTML 1Page - SICK AG CFS50-AGV02X04 Datasheet HTML 2Page - SICK AG CFS50-AGV02X04 Datasheet HTML 3Page - SICK AG CFS50-AGV02X04 Datasheet HTML 4Page - SICK AG CFS50-AGV02X04 Datasheet HTML 5Page - SICK AG CFS50-AGV02X04 Datasheet HTML 6Page - SICK AG CFS50-AGV02X04 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CFS50-AGV02X04 | CFS50
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
Illustration may differ
Ordering information
Type
Part no.
CFS50-AGV02X04
1055093
Other models and accessories
www.sick.com/CFS50
Detailed technical data
Performance
Number of lines per revolution
2,000 1)
Measuring step
90° /number of lines
Commutation signals
4 pole pairs (See diagram, different commutation on request)
Reference signal, number
1
Reference signal, position
90° electric, logically gated with A and B
Operating speed
6,000 
min⁻¹
1) Number of lines from 1 … 1,000 and > 4,096 … 65,536 on request.
Interfaces
Communication interface
TTL/RS422
Electrical data
Supply voltage range
4.5 V DC ... 5.5 V DC
Operating power consumption (no load)
≤ 60 mA 1)
Maximum output frequency
≤ 820 kHz
1) Without load.
Mechanical data
Shaft version
Tapered shaft
Flange type / stator coupling
Resolver support
Dimensions
See dimensional drawing
Weight
0.1 kg
Moment of inertia of the rotor
10 gcm²
Operating speed
12,000 
min⁻¹
Angular acceleration
≤ 200,000 rad/s²
Operating torque
0.2 Ncm
Start up torque
0.4 Ncm
Permissible shaft movement, radial stat-
ic/dynamic
± 0.5 mm / ± 0.1 mm
Permissible shaft movement, axial stat-
ic/dynamic
± 0.75 mm / ± 0.2 mm
Angular motion perpendicular to the rota-
tional axis, static
± 0.005 mm/mm
2
MOTOR FEEDBACK SYSTEMS | SICK
Online data sheet | 2017-07-07 18:51:26
Subject to change without notice


Similar Part No. - CFS50-AGV02X04

ManufacturerPart #DatasheetDescription
logo
SICK AG
CFS50-AGV12X03 SICK-CFS50-AGV12X03 Datasheet
596Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results

Similar Description - CFS50-AGV02X04

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60E-BDEJ01024 SICK-VFS60E-BDEJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BJNK01024 SICK-VFS60E-BJNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5AK01024 SICK-VFS60B-T5AK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T8CK01024 SICK-VFS60B-T8CK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-TDNJ01024 SICK-VFS60E-TDNJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-THNK01024 SICK-VFS60E-THNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BHCK01024 SICK-VFS60E-BHCK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T7AK02048 SICK-VFS60B-T7AK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7CK02048 SICK-VFS60E-T7CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7EJ01024 SICK-VFS60E-T7EJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5CK02048 SICK-VFS60B-T5CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com